Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843011 Datasheet (PDF) - Renesas Technology Corp

843011 Datasheet PDF - Renesas Technology Corp
Part # 843011
Download  843011 Download
File Size   586.13 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

843011 Datasheet (PDF)

Go To PDF Page Download Datasheet
843011 Datasheet PDF - Renesas Technology Corp

Part # 843011
Download  843011 Click to download

File Size   586.13 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

843011 Datasheet (HTML) - Renesas Technology Corp


843011 Product details

GENERAL DESCRIPTION
The 843011 is a Fibre Channel Clock Generator.
The 843011 uses a 26.5625MHz crystal to synthesize
106.25MHz or a 25MHz crystal to synthesize 100MHz. The
843011 has excellent <1ps phase jitter performance, over the
637kHz – 10MHz integration range. The 843011 is packaged
in a small 8-pin TSSOP, making it ideal for use in systems with
limited board space.

FEATURES
• One differential 3.3V LVPECL output
• Crystal oscillator interface designed for 26.5625MHz
18pF parallel resonant crystal
• Output frequency: 106.25MHz or 100MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 100MHz, using a 25MHz crystal
(637kHz - 10MHz): 0.80ps (typical)
• RMS phase noise at 106.25MHz
Phase noise:
Offset Noise Power
100Hz ................-92.8 dBc/Hz
1kHz ..............-119.6 dBc/Hz
10kHz ..............-129.5 dBc/Hz
100kHz ..............-130.5 dBc/Hz
• 3.3V operating supply
• Available in lead-free (RoHS 6) package
• -40°C to 85°C ambient operating temperature




Similar Part No. - 843011

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843011 IDT-843011 Datasheet
262Kb / 14P
FemtoCloc Crystal-to-3.3V LVPECL Clock Generator
843011AGLF IDT-843011AGLF Datasheet
262Kb / 14P
FemtoCloc Crystal-to-3.3V LVPECL Clock Generator
843011AGLFT IDT-843011AGLFT Datasheet
262Kb / 14P
FemtoCloc Crystal-to-3.3V LVPECL Clock Generator
843011CGLF IDT-843011CGLF Datasheet
247Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
843011CGLFT IDT-843011CGLFT Datasheet
247Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
More results


Similar Description - 843011

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843021 RENESAS-843021 Datasheet
458Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843022 RENESAS-843022 Datasheet
402Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843023 RENESAS-843023 Datasheet
373Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/1/15
843031 RENESAS-843031 Datasheet
415Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/5/15
843051 RENESAS-843051 Datasheet
544Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/15/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
843251I-04 RENESAS-843251I-04 Datasheet
597Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/29/15
ICS843011C RENESAS-ICS843011C Datasheet
354Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MARCH 12, 2014
ICS843021I RENESAS-ICS843021I Datasheet
1Mb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MAY 18, 2011
ICS843252-04 RENESAS-ICS843252-04 Datasheet
480Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MAY 15, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com