Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843011C Datasheet (PDF) - Renesas Technology Corp

ICS843011C Datasheet PDF - Renesas Technology Corp
Part # ICS843011C
Download  ICS843011C Download
File Size   354.06 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

ICS843011C Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS843011C Datasheet PDF - Renesas Technology Corp

Part # ICS843011C
Download  ICS843011C Click to download

File Size   354.06 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

ICS843011C Datasheet (HTML) - Renesas Technology Corp


ICS843011C Product details

GENERAL DESCRIPTION
The ICS843011C is a Fibre Channel Clock Generator. The
ICS843011C uses a 26.5625MHz crystal to synthesize
106.25MHz or a 25MHz crystal to synthesize 100MHz. The
ICS843011C has excellent <1ps phase jitter performance, over
the 637kHz – 10MHz integration range. The ICS843011C is
packaged in a small 8-pin TSSOP, making it ideal for use in
systems with limited board space.
FEATURES
• One differential 3.3V LVPECL output
• Crystal oscillator interface designed for 26.5625MHz,
18pF parallel resonant crystal
• Output frequency: 106.25MHz or 100MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 100MHz, using a 25MHz crystal
(637kHz - 10MHz): 0.29ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) packaging




Similar Part No. - ICS843011C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843011C ICST-ICS843011C Datasheet
164Kb / 11P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS843011C IDT-ICS843011C Datasheet
247Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
logo
Integrated Circuit Syst...
ICS843011CG ICST-ICS843011CG Datasheet
164Kb / 11P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
ICS843011CGLF ICST-ICS843011CGLF Datasheet
164Kb / 11P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
ICS843011CGLFT ICST-ICS843011CGLFT Datasheet
164Kb / 11P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
More results


Similar Description - ICS843011C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843011 RENESAS-843011 Datasheet
586Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843021 RENESAS-843021 Datasheet
458Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843022 RENESAS-843022 Datasheet
402Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843023 RENESAS-843023 Datasheet
373Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/1/15
843031 RENESAS-843031 Datasheet
415Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/5/15
843051 RENESAS-843051 Datasheet
544Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/15/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
843251I-04 RENESAS-843251I-04 Datasheet
597Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/29/15
ICS843021I RENESAS-ICS843021I Datasheet
1Mb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MAY 18, 2011
ICS843252-04 RENESAS-ICS843252-04 Datasheet
480Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MAY 15, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com