Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843021I Datasheet (PDF) - Renesas Technology Corp

ICS843021I Datasheet PDF - Renesas Technology Corp
Part # ICS843021I
Download  ICS843021I Download
File Size   1094.05 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

ICS843021I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS843021I Datasheet PDF - Renesas Technology Corp

Part # ICS843021I
Download  ICS843021I Click to download

File Size   1094.05 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Clock Generator

ICS843021I Datasheet (HTML) - Renesas Technology Corp


ICS843021I Product details

General Description
The ICS843021I is a Gigabit Ethernet Clock Generator. The
ICS84302I uses a 25MHz crystal to synthesize 125MHz. The
ICS843021I has excellent phase jitter performance, over the
1.875MHz – 20MHz integration range. The ICS843021I is packaged
in a small 8-pin TSSOP, making it ideal for use in systems with
limited board space.
Features
• One differential 3.3V LVPECL output
• Crystal oscillator interface designed for 22.4MHz – 28MHz, 18pF
parallel resonant crystal
• Output frequency range: 112MHz – 140MHz
• VCO range: 560MHz – 700MHz
• Output duty cycle range: 49% – 51%
• RMS phase jitter at 125MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.650ps (typical)
Offset Noise Power
100Hz..............-94.2 dBc/Hz
1kHz..............-122.8 dBc/Hz
10kHz..............-132.2 dBc/Hz
100kHz..............-131.3 dBc/Hz
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS843021I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843021I IDT-ICS843021I Datasheet
894Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
logo
Integrated Circuit Syst...
ICS843021I-01 ICST-ICS843021I-01 Datasheet
219Kb / 14P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V 125MHZ LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
logo
Integrated Device Techn...
ICS843021I-01 IDT-ICS843021I-01 Datasheet
704Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
More results


Similar Description - ICS843021I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843011 RENESAS-843011 Datasheet
586Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843021 RENESAS-843021 Datasheet
458Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843022 RENESAS-843022 Datasheet
402Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843023 RENESAS-843023 Datasheet
373Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/1/15
843031 RENESAS-843031 Datasheet
415Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/5/15
843051 RENESAS-843051 Datasheet
544Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/15/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
843251I-04 RENESAS-843251I-04 Datasheet
597Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/29/15
ICS843011C RENESAS-ICS843011C Datasheet
354Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MARCH 12, 2014
ICS843252-04 RENESAS-ICS843252-04 Datasheet
480Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MAY 15, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com