Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841402I Datasheet (PDF) - Renesas Technology Corp

ICS841402I Datasheet PDF - Renesas Technology Corp
Part # ICS841402I
Download  ICS841402I Download
File Size   915.29 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator

ICS841402I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS841402I Datasheet PDF - Renesas Technology Corp

Part # ICS841402I
Download  ICS841402I Click to download

File Size   915.29 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator

ICS841402I Datasheet (HTML) - Renesas Technology Corp


ICS841402I Product details

Features
• Two 0.7V differential HCSL outputs: configurable for PCIe
(100MHz or 200MHz) and sRIO (125MHz) clock signals
• One LVCMOS/LVTTL reference clock output
• Selectable crystal oscillator interface, 25MHz, 18pF parallel
resonant crystal or LVCMOS/LVTTL single-ended reference clock
input
• Supports the following output frequencies: 100MHz, 125MHz,
200MHz or 400MHz
• VCO frequency range: 950MHz - 1.25GHz
• Configurable spread-spectrum generation for PCIe
• PLL bypass and output enable
• RMS phase jitter @ 200MHz, using a 25MHz crystal
(12kHz – 20MHz): 1.21ps (typical)
• PCI Express (2.5 Gb/S), Gen 2 (5 Gb/s) and Gen 3 (8 Gb/s) jitter
compliant (REF_OUT disabled)
• Full 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) packages




Similar Part No. - ICS841402I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS841484I RENESAS-ICS841484I Datasheet
1,022Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
More results


Similar Description - ICS841402I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS841664AGILFT IDT-ICS841664AGILFT Datasheet
311Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
ICS841664I IDT-ICS841664I_13 Datasheet
374Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841604 RENESAS-841604 Datasheet
612Kb / 18P
FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
841608 RENESAS-841608 Datasheet
1Mb / 20P
FemtoClock® Crystal-to-HCSL Clock Generator
January 31, 2023
ICS841604I-01 RENESAS-ICS841604I-01 Datasheet
551Kb / 20P
FemtoClock® Crystal-to-0.7V Differential
APRIL 10, 2012
ICS841664I RENESAS-ICS841664I Datasheet
662Kb / 20P
FemtoClock® Crystal-to-HCSL Clock Generator
JULY 15, 2013
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
841654 RENESAS-841654 Datasheet
492Kb / 19P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
ICS841484I RENESAS-ICS841484I Datasheet
1,022Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com