Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841604I-01 Datasheet (PDF) - Renesas Technology Corp

ICS841604I-01 Datasheet PDF - Renesas Technology Corp
Part # ICS841604I-01
Download  ICS841604I-01 Download
File Size   551.42 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-0.7V Differential

ICS841604I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS841604I-01 Datasheet PDF - Renesas Technology Corp

Part # ICS841604I-01
Download  ICS841604I-01 Click to download

File Size   551.42 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-0.7V Differential

ICS841604I-01 Datasheet (HTML) - Renesas Technology Corp


ICS841604I-01 Product details

General Description
The ICS841604I-01 is an optimized PCIe and sRIO clock generator.
The device uses a 25MHz parallel crystal to generate 100MHz and
125MHz clock signals, replacing solutions requiring multiple
oscillator and fanout buffer solutions. The device has excellent
phase jitter (< 1ps rms) suitable to clock components requiring
precise and low-jitter PCIe or sRIO or both clock signals. Designed
for telecom, networking and industrial applications, the
ICS841604I-01 can also drive the high-speed sRIO and PCIe
SerDes clock inputs of communication processors, DSPs, switches
and bridges.
Features
• Four 0.7V differential HCSL outputs: configurable for PCIe
(100MHz) and sRIO (125MHz) clock signals
• Selectable crystal oscillator interface, 25MHz, 18pF parallel
resonant crystal or LVCMOS/LVTTL single-ended reference clock
input
• Supports the following output frequencies: 100MHz or 125MHz
• VCO: 500MHz
• PLL bypass and output enable
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.5ps (typical)
• PCI Express (2.5 Gb/S), Gen 2 (5 Gb/s) and Gen 3 (8 Gb/s) jitter
compliant
• Full 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS841604I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841608AKIT IDT-ICS841608AKIT Datasheet
397Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS841608I IDT-ICS841608I Datasheet
397Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-HCSL CLOCK GENERATOR VCO: 500MHz
More results


Similar Description - ICS841604I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841S012DI IDT-ICS841S012DI Datasheet
192Kb / 22P
Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
ICS841S012I IDT-ICS841S012I Datasheet
194Kb / 23P
Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
841S012DI IDT-841S012DI Datasheet
289Kb / 23P
Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
843202I RENESAS-843202I Datasheet
448Kb / 17P
FemtoClock® 680MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
5/26/16
844003I-04 RENESAS-844003I-04 Datasheet
514Kb / 20P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
November 10, 2016
844008I-46 RENESAS-844008I-46 Datasheet
497Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
11/6/15
ICS841S012DI RENESAS-ICS841S012DI Datasheet
484Kb / 24P
Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
January 4, 2016
ICS841402I RENESAS-ICS841402I Datasheet
915Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
ICS841484I RENESAS-ICS841484I Datasheet
1,022Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
844S2416 RENESAS-844S2416 Datasheet
522Kb / 24P
FemtoClock® NG Crystal-to-Differential HCSL/LVCMOS Frequency Synthesizer
April 29, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com