Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843202I Datasheet (PDF) - Renesas Technology Corp

843202I Datasheet PDF - Renesas Technology Corp
Part # 843202I
Download  843202I Download
File Size   448.64 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® 680MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer

843202I Datasheet (PDF)

Go To PDF Page Download Datasheet
843202I Datasheet PDF - Renesas Technology Corp

Part # 843202I
Download  843202I Click to download

File Size   448.64 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® 680MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer

843202I Datasheet (HTML) - Renesas Technology Corp


843202I Product details

GENERAL DESCRIPTION
The 843202I is a 2 output LVPECL Synthesizer optimized to generate
Gigabit Ethernet and SONET reference clock frequencies and is
a member of the family of high performance clock solutions from
IDT. Using a 19.44MHz and 25MHz, 18pF parallel resonant crystal,
155.52MHz and 156.25MHz frequencies can be generated. The part
also allows the use of a recovered clock at QB output. The 843202I
uses IDT’s FemtoClockTM low phase noise VCO technology and can
achieve 1ps or lower typical RMS phase jitter. The 843202I is
packaged in a 32-pin LQFP package.

FEATURES
• Two 3.3V LVPECL outputs
• Selectable crystal oscillator interface or one differential recovered clock inputs
• Supports the following output frequencies: 155.52MHz and
156.25MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 155.52MHz, using a 19.44MHz crystal
(12kHz – 1.3MHz): 0.86ps (typical)
• RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(1.875MHz –- 20MHz): 0.56ps (typical)
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement part use 8T49N242




Similar Part No. - 843202I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
84320-01 RENESAS-84320-01 Datasheet
566Kb / 23P
780MHZ, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
5/26/16
logo
Integrated Device Techn...
843201-375 IDT-843201-375 Datasheet
267Kb / 19P
FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
logo
Renesas Technology Corp
843201-375 RENESAS-843201-375 Datasheet
470Kb / 20P
FemtoClock® Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
8/21/15
logo
Integrated Device Techn...
843201AG-375LF IDT-843201AG-375LF Datasheet
267Kb / 19P
FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
843201AG-375LFT IDT-843201AG-375LFT Datasheet
267Kb / 19P
FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
More results


Similar Description - 843202I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V43042 RENESAS-8V43042 Datasheet
702Kb / 20P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
November 3, 2016
843002-01 RENESAS-843002-01 Datasheet
518Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
4/6/15
843003I-01 RENESAS-843003I-01 Datasheet
431Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 8, 2014
843204I-01 RENESAS-843204I-01 Datasheet
386Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
11/5/15
843252 RENESAS-843252 Datasheet
572Kb / 18P
FemtoClock® Crystal-to- 3.3V LVPECL Frequency Synthesizer
January 20, 2016
8430252-45 RENESAS-8430252-45 Datasheet
436Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
5/27/15
8430252I-45 RENESAS-8430252I-45 Datasheet
294Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 9, 2014
843002 RENESAS-843002 Datasheet
571Kb / 18P
Femtoclock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 21, 2016
843004-125 RENESAS-843004-125 Datasheet
454Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 18, 2016
843204I RENESAS-843204I Datasheet
606Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 19, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com