Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet (PDF) - Renesas Technology Corp

ICS841S012DI Datasheet PDF - Renesas Technology Corp
Part # ICS841S012DI
Download  ICS841S012DI Download
File Size   484.8 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer

ICS841S012DI Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS841S012DI Datasheet PDF - Renesas Technology Corp

Part # ICS841S012DI
Download  ICS841S012DI Click to download

File Size   484.8 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer

ICS841S012DI Datasheet (HTML) - Renesas Technology Corp


ICS841S012DI Product details

GENERAL DESCRIPTION
The 841S012DI is an optimized PCIe, sRIO and Gigabit Ethernet
Frequency Synthesizer and a member of high performance clock
solutions from IDT. The 841S012DI uses a 25MHz parallel resonant
crystal to generate 33.33MHz - 200MHz clock signals, replacing
multiple oscillators and fanout buffer solutions. The device supports
±0.25% center-spread, and -0.5% down-spread clocking with two
spread select pins (SSC[1:0]). The VCO operates at a frequency of
2GHz. The device has three output banks: Bank A with two 100MHz
– 250MHz HCSL outputs; Bank B with seven 33.33MHz – 200MHz
LVCMOS/ LVTTL outputs; and Bank C with one 33.33MHz – 200MHz
LVCMOS/LVTTL output.
All Banks A, B and C have their own dedicated frequency
select pins and can be independently set for the frequencies
mentioned above. The low jitter characteristic of the 841S012DI
makes it an ideal clock source for PCIe, sRIO and Gigabit Ethernet
applications. Designed for networking and industrial applications,
the 841S012DI can also drive the high-speed clock inputs of communication processors, DSPs, switches and bridges.
FEATURES
• Two 0.7V differential HCSL outputs (Bank A), confi gurable for
PCIe (100MHz or 250MHz) and sRIO (100MHz or 125MHz)
clock signals
Eight LVCMOS/LVTTL outputs (Banks B/C),
18Ω typical output impedance
Two REF_OUT LVCMOS/LVTTL clock outputs,
23Ω typical output impedance
• Selectable crystal oscillator interface, 25MHz, 18pF parallel
resonant crystal or one LVCMOS/LVTTL single-ended reference clock input
• Supports the following output frequencies:
HCSL Bank A: 100MHz, 125MHz, 200MHz and 250MHz
LVCMOS/LVTTL Bank B/C: 33.33MHz, 50MHz, 66.67MHz,
100MHz, 125MHz, 133.33MHz, 166.67MHz and 200MHz
• VCO: 2GHz
• Spread spectrum clock: ±0.25% center-spread (typical) and
-0.6% down-spread (typical)
• PLL bypass and output enable
• RMS period jitter: 10ps (typical), QAx/nQAx outputs
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS841S012DI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841S012DI IDT-ICS841S012DI Datasheet
192Kb / 22P
Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
More results


Similar Description - ICS841S012DI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS85105I IDT-ICS85105I Datasheet
314Kb / 16P
LOW SKEW, 1-TO-5, DIFFERENTIAL/LVCMOS-TO-0.7V HCSL FANOUT BUFFER
ICS841S012DI IDT-ICS841S012DI Datasheet
192Kb / 22P
Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
ICS841S012I IDT-ICS841S012I Datasheet
194Kb / 23P
Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
841S012DI IDT-841S012DI Datasheet
289Kb / 23P
Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
844S2416I IDT-844S2416I Datasheet
309Kb / 23P
HCSL/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
85102I RENESAS-85102I Datasheet
348Kb / 18P
Low Skew, 1-to-2, Differential/LVCMOS to- 0.7V HCSL Fanout Buffer
DECEMBER 19, 2014
ICS841402I RENESAS-ICS841402I Datasheet
915Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
ICS841484I RENESAS-ICS841484I Datasheet
1,022Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
844S2416 RENESAS-844S2416 Datasheet
522Kb / 24P
FemtoClock® NG Crystal-to-Differential HCSL/LVCMOS Frequency Synthesizer
April 29, 2016
85105I RENESAS-85105I Datasheet
415Kb / 18P
Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com