Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841S012DI Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS841S012DI Datasheet HTML 2Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 3Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 4Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 5Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 6Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 7Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 8Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 9Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
841S012DI Datasheet
©2016 Integrated Device Technology, Inc
January 4, 2016
6
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD
+ 0.5 V
Outputs, V
O
-0.5V to V
DDO
+ 0.5V
Package Thermal Impedance,
θ
JA
31.4°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD
= V
DD_REFOUT
= V
DDOB
= V
DDOC
= 3.3V±5%, TA = -40°C TO 85°C
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD
= V
DD_REFOUT
= V
DDOB
= V
DDOC
= 3.3V±5%, TA = -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Core Supply Voltage
3.135
3.3
3.465
V
V
DDA
Analog Supply Voltage
V
DD
– 0.20
3.3
V
DD
V
V
DDOB,
V
DDOC
Output Supply Voltage
3.135
3.3
3.465
V
I
DD
Power Supply Current
HCSL Loaded, LVCMOS No Load
300
mA
I
DDA
Analog Supply Current
20
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
2
V
DD
+ 0.3
V
V
IL
Input Low Voltage
-0.3
0.8
V
I
IH
Input
High Current
QA_OE, QBC_OE,
nMR, SSC0, SSC1,
V
DD
= V
IN
= 3.465V
10
µA
F_SELA[0:1], F_
SELB[0:2].
F_SELC[0:2],
REF_OE, BYPASS,
REF_IN, REF_SEL
V
DD
= V
IN
= 3.465V
150
µA
I
IL
Input
Low Current
QA_OE, QBC_OE,
nMR, SSC0, SSC1,
V
DD
= 3.465V, V
IN
= 0V
-150
µA
F_SELA[0:1], F_
SELB[0:2].
F_SELC[0:2],
REF_OE, BYPASS,
REF_IN, REF_SEL
V
DD
= 3.465V, V
IN
= 0V
-10
µA
V
OH
Output High Voltage
V
DDOB,
V
DDOC
= I
OH
= -2mA
2.6
V
V
OL
Output Low Voltage
V
DDOB,
V
DDOC
= I
OL
= 2mA
0.5
V
TABLE 5. CRYSTAL CHARACTERISTICS
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
25
MHz
Equivalent Series Resistance (ESR)
50
Ω
Shunt Capacitance
7pF
Drive Level
100
µW
NOTE: Characterized using an 18pF parallel resonant crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com