Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841S012DI Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS841S012DI Datasheet HTML 1Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 2Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 3Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 4Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 5Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 6Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 7Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 8Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
841S012DI Datasheet
©2016 Integrated Device Technology, Inc
January 4, 2016
5
TABLE 3D. SSC FUNCTION TABLE
Input
Mode
SSC1
SSC0
0
0
0 to -0.5% Down-spread
0
1
±0.25% Center-spread
1
0
±0.25% Center-spread
1
1
SSC Off (default)
TABLE 3E. REF_SEL FUNCTION TABLE
Input
REF_SEL
Input Reference
0XTAL
1
REF_IN
TABLE 3G. QBC_OE FUNCTION TABLE
Input
QBC_OE
Function
0
QB[0:6] and QC disabled (High-Impedance)
1 (default)
QB[0:6] and QC enabled
TABLE 3F. QA_OE FUNCTION TABLE
Input
QA_OE
Function
0
QA[0:1]/nQA[0:1] disabled (High-Impedance)
1(default)
QA[0:1]/nQA[0:1] enabled
TABLE 3H. REF_OE FUNCTION TABLE
Input
REF_OE
Function
0 (default)
REF_OUT[0:1] disabled (High-Impedance
1
REF_OUT[0:1] enabled
TABLE 3I. nMR FUNCTION TABLE
Input
nMR
Function
0
Device reset, output divider disabled
(High-Impedance)
1 (default)
Output enabled
NOTE: This device requires a reset signal after power-up to
function properly.
TABLE 3J. BYPASS FUNCTION TABLE
Input
BYPASS
Function
0 (default)
PLL
1
Bypass (reference ÷N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com