Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841S012DI Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS841S012DI Datasheet HTML 8Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 9Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 10Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 11Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 12Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 13Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 14Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 15Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
841S012DI Datasheet
©2016 Integrated Device Technology, Inc
January 4, 2016
12
SPREAD SPECTRUM
Spread-spectrum clocking is a frequency modulation technique for
EMI reduction. When spread-spectrum is enabled, a 32kHz triangle
waveform is used with 0.6% down-spread (+0.0% / -0.5%) from
the nominal output frequency. An example of a triangle frequency
modulation profile is shown in Figure 4A below. The ramp profile
can be expressed as:
Fnom = Nominal Clock Frequency in Spread OFF mode
Fm = Nominal Modulation Frequency (30kHz)
δ = Modulation Factor (0.6% down spread)
The 841S012DI triangle modulation frequency deviation will not
exceed 0.7% down-spread from the nominal clock frequency (+0.0%
/ -0.5%). An example of the amount of down spread relative to the
nominal clock frequency can be seen in the frequency domain,
as shown in Figure 4B. The ratio of this width to the fundamental
frequency is typically 0.4%, and will not exceed 0.7%. The resulting
spectral reduction will be greater than 5dB, as shown in Figure 4B. It
is important to note the 841S012DI 5dB minimum spectral reduction
is the component-specific EMI reduction, and will not necessarily
be the same as the system EMI reduction.
FIGURE 4B. 200MHZ CLOCK OUTPUT IN FREQUENCY DOMAIN
(A) SPREAD-SPECTRUM OFF (B) SPREAD-SPECTRUM ON
FIGURE 4A. TRIANGLE FREQUENCY MODULATION
(1 -
δ) fnom + 2 Fm x δ x Fnom x t when 0 < t < ,
(1 -
δ) fnom - 2 Fm x δ x Fnom x t when
< t <
1
2Fm
1
2Fm
1
Fm
➤
1/fm
0.5/fm
Fnom
(1 -
δ) Fnom
Time
B
A
Δ − 10 dBm
δ = .6% ➤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com