Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841S012DI Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ICS841S012DI Datasheet HTML 11Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 12Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 13Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 14Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 15Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 16Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 17Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 18Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
841S012DI Datasheet
©2016 Integrated Device Technology, Inc
January 4, 2016
15
SCHEMATIC EXAMPLE
Figure 7 shows an example of the 841S012DI application schematic.
In this example, the device is operated at V
D D= VDDOB = VDDOC = 3.3V.
The 18pF parallel resonant 25MHz crystal is used. The C1= 33pF
and C2 = 33pF are recommended for frequency accuracy. For
different board layouts, the C1 and C2 may be slightly adjusted
for optimizing frequency accuracy. Two examples of HCSL and
one example of LVCMOS termination are shown in this schematic.
The decoupling capacitors should be located as close as possible
to the power pin.
FIGURE 7. 841S012DI SCHEMATIC EXAMPLE
QB0
IREF
REF_OE
BY PASS
XTAL_OUT
XTAL_IN
REF_SEL
Logic Control Input Examples
Set Logic
Input to '0'
Set Logic
Input to '1'
To Logic
Input
pins
To Logic
Input
pins
Note: This device requires a
reset signal at nMR after
power-up to function properly.
VDD=3.3V
Using for PCI Express
Add-In Card
VDDO=3.3V
Using for PCI Express
Point-to-Point
Connection
HCSL Termination
LVCMOS
QA1
QA0
REF_IN
LVCMOS
REF_OUT1
REF_OUT1
REF_OUT0
nMR
VDDA
nQA1
C10
0.1u
RU2
Not Install
C6
0.01u
R6
43
R2
10
C11
0.1u
TL5
Zo = 50
C1
15pF
R10
475 Ohm
+
-
R1
35
C9
0.1u
RD2
1K
R4
10
C8
0.1u
+
-
C12
0.1u
RU1
1K
C7
0.1u
R7
33
R3
30
C14
0.1u
R5
33
C15
0.1u
TL3
Zo = 50
Zo = 50 Ohm
Zo = 50
R9
50
TL6
Zo = 50
C16
0.1u
C2
22pF
C5
10u
C3
0.01u
C13
0.1u
R11
50
Zo = 50
R12
50
TL7
Zo = 50
R8
50
RD1
Not Install
X1
25MHz, CL=18pF
C4
10u
Ro ~ 7 Ohm
Q1
Driv er_LVCMOS
VDDO
VDD
VDD
VDDO
VDD
VDD
VDDO
VDD
VDD
VDD
nQA0
VDDO
VDD
U1
ICS841S012DI
VDD_REFOUT
1
REF_OUT0
2
REF_OUT1
3
GND
4
GND
5
REF_IN
6
VDD
7
REF_SEL
8
XTAL_IN
9
XTAL_OUT
10
BY PASS
11
REF_OE
12
nMR
13
VDD
14
GND
35
IREF
34
QA0
33
nQA0
32
QA1
31
VDDA
37
GND
36
nQA1
30
VDD
29
VDDA
38
VDDOC
42
QC
41
GND
40
QBC_OE
39
(U1, 29)
(U1, 1)
(U1, 28)
(U1, 52)
(U1, 48)
(U1, 7)
(U1, 14)
(U1, 56)
(U1, 42)
(U1, 43)
VDDA
Note: External tuning
capacitors must be used for
proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com