Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841S012DI Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS841S012DI Datasheet HTML 7Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 8Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 9Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 10Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 11Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 12Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 13Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 14Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
841S012DI Datasheet
©2016 Integrated Device Technology, Inc
January 4, 2016
11
FIGURE 3. GENERAL DIAGRAM FOR LVCMOS DRIVER TO XTAL INPUT INTERFACE
LVCMOS TO XTAL INTERFACE
The XTAL_IN input can accept a single-ended LVCMOS signal
through an AC coupling capacitor. A general interface diagram is
shown in Figure 3. The XTAL_OUT pin can be left floating. The
input edge rate can be as slow as 10ns. For LVCMOS signals, it
is recommended that the amplitude be reduced from full swing to
half swing in order to prevent signal interference with the power
rail and to reduce noise. This configuration requires that the output
impedance of the driver (Ro) plus the series resistance (Rs) equals
the transmission line impedance. In addition, matched termination
at the crystal input will attenuate the signal in half. This can be done
in one of two ways. First, R1 and R2 in parallel should equal the
transmission line impedance. For most 50
Ω applications, R1 and
R2 can be 100
Ω. This can also be accomplished by removing R1
and making R2 50
Ω. By overdriving the crystal oscillator, the device
will be functional, but note the device performance is guaranteed
by using a quartz crystal.
R2
Zo = 50
VDD
Ro
Zo = Ro + Rs
R1
VDD
XTAL_IN
XTAL_OUT
.1uf
Rs
CRYSTAL INPUT INTERFACE
The 841S012DI has been characterized with 18pF parallel
resonant crystals. The capacitor values shown in Figure 2 below
were determined using a 25MHz, 18pF parallel resonant crystal
FIGURE 2. CRYSTAL INPUT INTERFACE
and were chosen to minimize the ppm error. NOTE: External tuning
capacitors must be used for proper operations.
XTAL_IN
XTAL_OUT
X1
18pF Parallel Crystal
C1
15pF
C2
22pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com