Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841S012DI Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS841S012DI Datasheet HTML 12Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 13Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 14Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 15Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 16Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 17Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 18Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 19Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
841S012DI Datasheet
©2016 Integrated Device Technology, Inc
January 4, 2016
16
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the 841S012DI.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the 841S012DI is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
DD
= 3.3V + 5% = 3.465V, which gives worst case results.
Core and HCSL Output Power Dissipation
The maximum I
DD
current at 85° is 284mA. The HCSL output current (17mA per output pair) is included in this value. For power
considerations, this output current is treated separately from the core currents, so for power calculations,
I
DD
= 284mA - 2 * 17mA = 250mA.
• Power (core) = V
DD_MAX
* (I
DD
+ I
DDA
) = 3.465V * (250mA + 20mA) = 935.6mW
Power (HCSL) = 44.5mW/Load Output Pair
If all outputs are loaded, the total power is 2 * 44.5mW = 89mW
LVCMOS Output Power Dissipation
• Dynamic Power Dissipation at 200MHz, (QB, QC)
Power (200MHz) = C
PD
* Frequency * (V
DDO
)
2
= 19pF * 200MHz * (3.465V)
2
= 45mW per output
Total Power (200MHz) = 45mW * 8 = 360mW
• Dynamic Power Dissipation at 25MHz, (REF_OUT)
Power (25MHz) = C
PD
* Frequency * (V
DDO
)
2
= 19pF * 25MHz * (3.465V)
2
= 5.6mW per output
Total Power (25MHz) = 5.6mW * 2 = 11.2mW
Total Power Dissipation
• Total Power
= Power (core) + Power (HCSL) + Total Power (200MHz) + Total Power (25MHz)
= 935.6mW + 89mW + 360mW + 11mW
= 1396mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com