Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841S012DI Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS841S012DI Datasheet HTML 1Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 2Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 3Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 4Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 5Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 6Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 7Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 8Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
841S012DI Datasheet
©2016 Integrated Device Technology, Inc
January 4, 2016
3
TABLE 1. PIN DESCRIPTIONS
Number
Name
Type
Description
1V
DD_REFOUT
Power
Output supply pin for REF_OUT.
7, 14, 28, 29
V
DD
Power
Core supply pins.
2,
3
REF_OUT0,
REF_OUT1
Output
Single-ended LVCMOS/LVTTL reference clock outputs.
23
Ω typical output impedance.
4, 5, 15, 27, 35,
36, 40, 46, 50,
54
GND
Power
Power supply ground.
6
REF_IN
Input
Pulldown Single-ended LVCMOS/LVTTL reference clock input.
8
REF_SEL
Input
Pulldown
Reference select pin. When HIGH selects REF_IN. When LOW,
selects crystal. LVCMOS/LVTTL interface levels. See Table 3E.
9,
10
XTAL_IN, XTAL_
OUT
Input
Crystal oscillator interface. XTAL_OUT is the output. XTAL_IN is the input.
External tuning capacitor must be used for proper operation.
11
BYPASS
Input
Pulldown
When HIGH bypasses PLL. When LOW, selects PLL.
LVCMOS/LVTTL interface levels. See Table 3J.
12
REF_OE
Input
Pulldown
Active HIGH REF_OUT enables/disables pin.
LVCMOS/LVTTL interface levels. See Table 3H.
13
nMR
Input
Pullup
Active LOW Master Reset. When logic LOW, the internal dividers are reset
and the outputs are in high impedance (HI-Z). When logic HIGH, the internal
dividers and the outputs are enabled.
LVCMOS/LVTTL interface levels. See Table 3I.
16,
17
SSC1,
SSC0
Input
Pullup
SSC control pin. LVCMOS/LVTTL interface levels. See Table 3D.
18,
19,
20
F_SELB2, F_
SELB1,
F_SELB0
Input
Pulldown
Frequency select pins for QBx outputs. See Table 3B.
LVCMOS/LVTTL interface levels.
21,
22,
23
F_SELC2, F_
SELC1,
F_SELC0
Input
Pulldown
Frequency select pins for QC output. See Table 3C.
LVCMOS/LVTTL interface levels.
24,
25
F_SELA1, F_
SELA0
Input
Pulldown
Frequency select pins for QAx/nQAx outputs. See Table 3A.
LVCMOS/LVTTL interface levels.
26
QA_OE
Input
Pullup
Output enable pin for Bank A outputs. See Table 3F. LVCMOS/LVTTL inter-
face levels.
30, 31
32, 33
nQA1, QA1
nQA0, QA0
Output
Differential Bank A clock outputs. HCSL interface levels.
34
IREF
Output
External fixed precision resistor (475
Ω) from this pin to ground provides a
reference current used for differential current-mode QAx/nQAx clock outputs.
37, 38
V
DDA
Power
Analog supply pin.
39
QBC_OE
Input
Pullup
Output enable pin for Bank B and Bank C outputs.
LVCMOS/LVTTL Interface levels. See Table 3G.
41
QC
Output
Single-ended Bank C clock output. LVCMOS/LVTTL interface levels.
18
Ω typical output impedance.
42
V
DDOC
Power
Output supply pin for QC LVCMOS output.
43, 48, 52, 56
V
DDOB
Power
Output supply pins for QBx LVCMOS outputs.
44, 45,
47, 49,
51, 53, 55
QB0, QB1, QB2,
QB3, QB4, QB5,
QB6
Output
Single-ended Bank B clock outputs. LVCMOS/LVTTL interface levels.
18
Ω typical output impedance.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com