Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841S012DI Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS841S012DI Datasheet HTML 6Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 7Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 8Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 9Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 10Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 11Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 12Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 13Page - Renesas Technology Corp ICS841S012DI Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
841S012DI Datasheet
©2016 Integrated Device Technology, Inc
January 4, 2016
10
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. To achieve optimum jitter per-
formance, power supply isolation is required. The 841S012DI
provides separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD
, V
DDA
, V
DDOB
, and
V
DDOC
should be individually connected to the power supply
plane through vias, and 0.01µF bypass capacitors should be
used for each pin. Figure 1 illustrates this for a generic V
DD
pin
and also shows that V
DDA
requires that an additional10
Ω resistor
along with a 10µF bypass capacitor be connected to the V
DDA
pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
INPUTS:
CRYSTAL INPUTS
For applications not requiring the use of the crystal oscillator input,
both XTAL_IN and XTAL_OUT can be left floating. Though not
required, but for additional protection, a 1k
Ω resistor can be tied
from XTAL_IN to ground.
REF_IN INPUT
For applications not requiring the use of the reference clock,
it can be left floating. Though not required, but for additional
protection, a 1k
Ω resistor can be tied from the REF_IN to ground.
LVCMOS CONTROL PINS
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional protection.
A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVCMOS OUTPUTS
All unused LVCMOS output can be left floating. We recommend that
there is no trace attached.
DIFFERENTIAL OUTPUTs
All unused differential outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com