Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85105I Datasheet (PDF) - Renesas Technology Corp

85105I Datasheet PDF - Renesas Technology Corp
Part # 85105I
Download  85105I Download
File Size   415.51 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer

85105I Datasheet (PDF)

Go To PDF Page Download Datasheet
85105I Datasheet PDF - Renesas Technology Corp

Part # 85105I
Download  85105I Click to download

File Size   415.51 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer

85105I Datasheet (HTML) - Renesas Technology Corp


85105I Product details

FEATURES
• Five 0.7V differential HCSL outputs
• Selectable differential CLK0, nCLK0 or LVCMOS inputs
• CLK0, nCLK0 pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL
• CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 500MHz
• Translates any single-ended input signal to 3.3V
HCSL levels with resistor bias on nCLK input
• Output skew: 100ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Propagation delay: 3.2ns (maximuml)
• Additive phase jitter, RMS: 0.24ps (typical)
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 85105I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85105I IDT-85105I Datasheet
218Kb / 17P
Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
More results


Similar Description - 85105I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B AUGUST 6, 2001
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B FEBRUARY 2, 2001
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
ICS85105I IDT-ICS85105I Datasheet
314Kb / 16P
LOW SKEW, 1-TO-5, DIFFERENTIAL/LVCMOS-TO-0.7V HCSL FANOUT BUFFER
85102 IDT-85102 Datasheet
244Kb / 17P
Low Skew, 1-to-2, Differential/LVCMOS HCSL Fanout Buffer
85104I IDT-85104I Datasheet
222Kb / 17P
Low Skew, 1-to-4, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
85105I IDT-85105I Datasheet
218Kb / 17P
Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
logo
Renesas Technology Corp
85102I RENESAS-85102I Datasheet
348Kb / 18P
Low Skew, 1-to-2, Differential/LVCMOS to- 0.7V HCSL Fanout Buffer
DECEMBER 19, 2014
85104I RENESAS-85104I Datasheet
419Kb / 18P
Low Skew, 1-to-4, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
8308I RENESAS-8308I Datasheet
375Kb / 17P
Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com