Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85102I Datasheet (PDF) - Renesas Technology Corp

85102I Datasheet PDF - Renesas Technology Corp
Part # 85102I
Download  85102I Download
File Size   348.42 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-2, Differential/LVCMOS to- 0.7V HCSL Fanout Buffer

85102I Datasheet (PDF)

Go To PDF Page Download Datasheet
85102I Datasheet PDF - Renesas Technology Corp

Part # 85102I
Download  85102I Click to download

File Size   348.42 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-2, Differential/LVCMOS to- 0.7V HCSL Fanout Buffer

85102I Datasheet (HTML) - Renesas Technology Corp


85102I Product details

FEATURES
• Two 0.7V differential HCSL outputs
• Selectable differential CLK0, nCLK0 or LVCMOS inputs
• CLK0, nCLK0 pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL
• CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 500MHz
• Translates any single-ended input signal to 3.3V
HCSL levels with resistor bias on nCLK input
• Output skew: 65ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Propagation delay: 3.2ns (maximum)
• Additive phase jitter, RMS: 0.14ps typical @ 250MHz
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 85102I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85102 IDT-85102 Datasheet
244Kb / 17P
Low Skew, 1-to-2, Differential/LVCMOS HCSL Fanout Buffer
logo
Belden Inc.
85102 BELDEN-85102 Datasheet
248Kb / 2P
Electronic, 2 C #16 Str TC, ETFE Ins, ETFE Jkt
logo
Huber+Suhner, Inc.
85102020 HUBERSUHNER-85102020 Datasheet
670Kb / 4P
MLUH 3x3, 6mm2, SM, Q-ODC-2 to LC
85102021 HUBERSUHNER-85102021 Datasheet
670Kb / 4P
MLUH 3x3, 6mm2, SM, Q-ODC-2 to LC
85102022 HUBERSUHNER-85102022 Datasheet
670Kb / 4P
MLUH 3x3, 6mm2, SM, Q-ODC-2 to LC
More results


Similar Description - 85102I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83026I-01 ICST-ICS83026I-01 Datasheet
239Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JANUARY 16, 2006
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01 Datasheet
694Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS85105I IDT-ICS85105I Datasheet
314Kb / 16P
LOW SKEW, 1-TO-5, DIFFERENTIAL/LVCMOS-TO-0.7V HCSL FANOUT BUFFER
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
85102 IDT-85102 Datasheet
244Kb / 17P
Low Skew, 1-to-2, Differential/LVCMOS HCSL Fanout Buffer
85104I IDT-85104I Datasheet
222Kb / 17P
Low Skew, 1-to-4, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
85105I IDT-85105I Datasheet
218Kb / 17P
Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
85104I RENESAS-85104I Datasheet
419Kb / 18P
Low Skew, 1-to-4, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
85105I RENESAS-85105I Datasheet
415Kb / 18P
Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com