Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85105I Datasheet (PDF) - Integrated Device Technology

ICS85105I Datasheet PDF - Integrated Device Technology
Part # ICS85105I
Download  ICS85105I Download
File Size   314.89 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW SKEW, 1-TO-5, DIFFERENTIAL/LVCMOS-TO-0.7V HCSL FANOUT BUFFER

ICS85105I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS85105I Datasheet PDF - Integrated Device Technology

Part # ICS85105I
Download  ICS85105I Click to download

File Size   314.89 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW SKEW, 1-TO-5, DIFFERENTIAL/LVCMOS-TO-0.7V HCSL FANOUT BUFFER

ICS85105I Datasheet (HTML) - Integrated Device Technology


ICS85105I Product details

GENERAL DESCRIPTION
The ICS85105I is a low skew, high performance 1-to-5 Differential-to-0.7V HCSL Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from IDT. The ICS85105I has two selectable clock inputs. The CLK0, nCLK0 pair can accept most standard differential input levels. The single-ended CLK1 can accept LVCMOS or LVTTL input levels. The clock enable is internally synchronized to eliminate runt clock pulses on the outputs during asynchronous assertion/deassertion of the clock enable pin.

FEATURES
• Five 0.7V differential HCSL outputs
• Selectable differential CLK0, nCLK0 or LVCMOS inputs
• CLK0, nCLK0 pair can accept the following differential input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• CLK1 can accept the following input levels: LVCMOS or LVTTL
• Maximum output frequency: 500MHz
• Translates any single-ended input signal to 3.3V HCSL levels with resistor bias on nCLK input
• Output skew: 100ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Propagation delay: 3.2ns (maximuml)
• Additive phase jitter, RMS: 0.24ps (typical)
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6) packages




Similar Part No. - ICS85105I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
ICS851010I RENESAS-ICS851010I Datasheet
1Mb / 18P
1-to-10, Differential HCSL Fanout Buffer
AUGUST 2, 2010
More results


Similar Description - ICS85105I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B AUGUST 6, 2001
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B FEBRUARY 2, 2001
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
85102 IDT-85102 Datasheet
244Kb / 17P
Low Skew, 1-to-2, Differential/LVCMOS HCSL Fanout Buffer
85104I IDT-85104I Datasheet
222Kb / 17P
Low Skew, 1-to-4, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
85105I IDT-85105I Datasheet
218Kb / 17P
Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
logo
Renesas Technology Corp
85102I RENESAS-85102I Datasheet
348Kb / 18P
Low Skew, 1-to-2, Differential/LVCMOS to- 0.7V HCSL Fanout Buffer
DECEMBER 19, 2014
85104I RENESAS-85104I Datasheet
419Kb / 18P
Low Skew, 1-to-4, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
8308I RENESAS-8308I Datasheet
375Kb / 17P
Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
85105I RENESAS-85105I Datasheet
415Kb / 18P
Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com