Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841402I Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS841402I
Description  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841402I Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS841402I Datasheet HTML 6Page - Renesas Technology Corp ICS841402I Datasheet HTML 7Page - Renesas Technology Corp ICS841402I Datasheet HTML 8Page - Renesas Technology Corp ICS841402I Datasheet HTML 9Page - Renesas Technology Corp ICS841402I Datasheet HTML 10Page - Renesas Technology Corp ICS841402I Datasheet HTML 11Page - Renesas Technology Corp ICS841402I Datasheet HTML 12Page - Renesas Technology Corp ICS841402I Datasheet HTML 13Page - Renesas Technology Corp ICS841402I Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ICS841402I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-0.7V DIFFERENTIAL HCSL CLOCK GENERATOR
ICS841402DKI REVISION A NOVEMBER 7, 2012
10
©2012 Integrated Device Technology, Inc.
Parameter Measurement Information
3.3V HCSL Output Load AC Test Circuit
3.3V LVCMOS Output Load AC Test Circuit
RMS Phase Jitter
3.3V HCSL Output Load AC Test Circuit
Output Skew
Cycle-to-Cycle Jitter
475
Ω
Measurement
Point
33
Ω
50
Ω
50
Ω
33
Ω
Measurement
Point
49.9
Ω
49.9
Ω
HCSL
GND
2pF
2pF
0V
IREF
0V
VDD
VDDA
3.3V±5
3.3V±5
This load condition is used for VMAX, VMIN, VRB, VRB, tSTABLE,
VCROSS, VCROSS and tSLEW± measurements.
SCOPE
Qx
GND
VDD
VDDA
1.65V±5
1.65V±5
-1.65V±5
Offset Frequency
f
1
f
2
Phase Noise Plot
Area Under Curve Defined by the Offset Frequency Markers
RMS Phase Jitter =
2 *
* ƒ
1
*
475
50
50
GND
0V
SCOPE
IREF
0V
VDD
VDDA
3.3V±5
3.3V±5
This load condition is used for IDD, tjit(cc), tsk(o), odc and tjit(Ø)
measurements.
nQx
Qx
nQy
Qy
tsk(o)
nQ0, nQ1
Q0, Q1
➤
➤
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com