Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841402I Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICS841402I
Description  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841402I Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICS841402I Datasheet HTML 17Page - Renesas Technology Corp ICS841402I Datasheet HTML 18Page - Renesas Technology Corp ICS841402I Datasheet HTML 19Page - Renesas Technology Corp ICS841402I Datasheet HTML 20Page - Renesas Technology Corp ICS841402I Datasheet HTML 21Page - Renesas Technology Corp ICS841402I Datasheet HTML 22Page - Renesas Technology Corp ICS841402I Datasheet HTML 23Page - Renesas Technology Corp ICS841402I Datasheet HTML 24Page - Renesas Technology Corp ICS841402I Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ICS841402I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-0.7V DIFFERENTIAL HCSL CLOCK GENERATOR
ICS841402DKI REVISION A NOVEMBER 7, 2012
21
©2012 Integrated Device Technology, Inc.
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS841402I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS841402I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX = VDD_MAX * (IDD + IDDA)= 3.465V *(156mA + 16mA) = 596mW
•
Power (HCSL)MAX = 2 x 44.5mW = 89mW
LVCMOS Driver Power Dissipation
•
Output Impedance ROUT Power Dissipation due to Loading 50 to VDD/2
Output Current IOUT = VDD_MAX / [2 * (50 + ROUT)] = 3.465V / [2 * (50 + 27)] = 22.5mA
•
Power Dissipation on the ROUT per LVCMOS output
Power (LVCMOS) = ROUT * (IOUT)
2 = 27
 * (22.5mA)2 = 13.7mW per output
Total Power
= Power (core) + Power (HCSL) + Power (LVCMOS)
= 596mW + 89mW + 13.7mW
= 698.7mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 33.1°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.699W * 33.1°C/W = 108.2°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 7. Thermal Resistance JA for 32 Lead VFQFN, Forced Convection
JA vs. Air Flow
Meters per Second
013
Multi-Layer PCB, JEDEC Standard Test Boards
33.1°C/W
28.1°C/W
25.4°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com