Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841402I Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS841402I
Description  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841402I Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS841402I Datasheet HTML 9Page - Renesas Technology Corp ICS841402I Datasheet HTML 10Page - Renesas Technology Corp ICS841402I Datasheet HTML 11Page - Renesas Technology Corp ICS841402I Datasheet HTML 12Page - Renesas Technology Corp ICS841402I Datasheet HTML 13Page - Renesas Technology Corp ICS841402I Datasheet HTML 14Page - Renesas Technology Corp ICS841402I Datasheet HTML 15Page - Renesas Technology Corp ICS841402I Datasheet HTML 16Page - Renesas Technology Corp ICS841402I Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ICS841402I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-0.7V DIFFERENTIAL HCSL CLOCK GENERATOR
ICS841402DKI REVISION A NOVEMBER 7, 2012
13
©2012 Integrated Device Technology, Inc.
Spread Spectrum
Spread-spectrum clocking is a frequency modulation technique for
EMI reduction. When spread-spectrum is enabled, a 32kHz triangle
waveform is used with 0.5% down-spread (+0.0% / -0.5%) from the
nominal output frequency. An example of a triangle frequency
modulation profile is shown in Figure 1A below. The ramp profile can
be expressed as:
• Fnom = Nominal Clock Frequency in Spread Off mode
(200MHz with 25MHz)
• Fm = Nominal Modulation Frequency (32kHz)
•  = Modulation Factor (0.5% down spread)
(1 –
) Fnom + 2FM x  x Fnom x t when 0 < t < 1
2Fm
(1 –
) Fnom – 2FM x  x Fnom x t when
1
< t < 1
2Fm
FM
An example of the amount of down spread relative to the nominal
clock frequency can be seen in the frequency domain, as shown in
Figure 1B. The ratio of this width to the fundamental frequency is
typically 0.5%. The resulting spectral reduction is typically 10dB, as
shown in Figure 2B. It is important to note the ICS841402I 10dB
typical spectral reduction is the component-specific EMI reduction,
and will not necessarily be the same as the system EMI reduction.
Figure 1A. Triangle Frequency Modulation
Figure 1B. 200MHz Clock Output In Frequency Domain
(A) Spread-Spectrum OFF
(B) Spread-Spectrum ON
➤
1/fm
0.5/fm
Fnom
(1 -
δ) Fnom
Time
B
A
 – 10 dBm
 = 0.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com