Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841664I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS841664I
Description  FemtoClock® Crystal-to-HCSL Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841664I Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS841664I Datasheet HTML 1Page - Renesas Technology Corp ICS841664I Datasheet HTML 2Page - Renesas Technology Corp ICS841664I Datasheet HTML 3Page - Renesas Technology Corp ICS841664I Datasheet HTML 4Page - Renesas Technology Corp ICS841664I Datasheet HTML 5Page - Renesas Technology Corp ICS841664I Datasheet HTML 6Page - Renesas Technology Corp ICS841664I Datasheet HTML 7Page - Renesas Technology Corp ICS841664I Datasheet HTML 8Page - Renesas Technology Corp ICS841664I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ICS841664AGI REVISION A JULY 15, 2013
3
©2013 Integrated Device Technology, Inc.
ICS841664I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-HCSL CLOCK GENERATOR
Function Tables
Table 3A. NA, NB FSELx Function Table (fref = 25MHz)
Table 3B. REF_SEL Function Table
Table 3C. BYPASS Function Table
NOTE 1: Asynchronous control.
Table 3D. MR/nOE Function Table
NOTE 1: Asynchronous control.
Table 3E. nREF_OE Function Table
NOTE 1: Asynchronous control.
Inputs
Outputs Frequency Settings
FSEL1
FSEL0
M
QA[0:1], nQA[0:1]
QB[0:1], nQB[0:1]
0
0
25
VCO/5 (125MHz)
VCO/5 (125MHz)
0
1
25
VCO/5 (125MHz)
VCO/4 (156.25MHz)
1
0
25
VCO/5 (125MHz)
QB0:1 = L, nQB0:1 = H
1
1
25
VCO/4 (156.25MHz)
VCO/4 (156.25MHz)
Input
REF_SEL
Input Reference
0XTAL
1REF_IN
Input
BYPASS
PLL Configuration NOTE 1
0
PLL enabled
1
PLL bypassed (QA, QB = fref/Nx, x = A or B)
Input
MR/nOE
Function NOTE 1
0
Outputs enabled
1
Internal dividers reset, outputs disabled (High impedance)
Input
nREF_OE
Function NOTE 1
0
REF_OUT enabled
1
REF_OUT disabled (high impedance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com