Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841664I Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS841664I
Description  FemtoClock® Crystal-to-HCSL Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841664I Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS841664I Datasheet HTML 10Page - Renesas Technology Corp ICS841664I Datasheet HTML 11Page - Renesas Technology Corp ICS841664I Datasheet HTML 12Page - Renesas Technology Corp ICS841664I Datasheet HTML 13Page - Renesas Technology Corp ICS841664I Datasheet HTML 14Page - Renesas Technology Corp ICS841664I Datasheet HTML 15Page - Renesas Technology Corp ICS841664I Datasheet HTML 16Page - Renesas Technology Corp ICS841664I Datasheet HTML 17Page - Renesas Technology Corp ICS841664I Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ICS841664AGI REVISION A JULY 15, 2013
14
©2013 Integrated Device Technology, Inc.
ICS841664I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-HCSL CLOCK GENERATOR
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS841664I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS841664I is the total power minus the analog power plus the power dissipated into the load. The following
is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
Core and HCSL Output Power Dissipation
•
Power (core)MAX = VDD_MAX * (IDD_MAX + IDDA_MAX) = 3.465V * (80mA + 20mA) = 346.5mW
•
Power (outputs)MAX = 44.5mW/Loaded Output pair
If all outputs are loaded, the total power is 4 * 44.5mW = 178mW
LVCMOS Driver Power Dissipation
•
Dynamic Power Dissipation at 25MHz
Power (25MHz) = CPD * Frequency * (VDD)
2 = 4pF * 25MHz * (3.465V)2 = 1.20mW per output
Total Power Dissipation
•
Total Power
= Power (core) + Power (Outputs) + Total Power (25MHz)
= 346.5mW + 178mW + 1.2mW
= 525.7mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 64.5°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.526W * 64.3°C/W = 118.9°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 7. Thermal Resistance JA for 28 Lead TSSOP, Forced Convection
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
64.5°C/W
60.4°C/W
58.5°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com