Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

841N4830 Datasheet (PDF) - Renesas Technology Corp

841N4830 Datasheet PDF - Renesas Technology Corp
Part # 841N4830
Download  841N4830 Download
File Size   996.2 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-HCSL Frequency Synthesizer

841N4830 Datasheet (PDF)

Go To PDF Page Download Datasheet
841N4830 Datasheet PDF - Renesas Technology Corp

Part # 841N4830
Download  841N4830 Click to download

File Size   996.2 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Crystal-to-HCSL Frequency Synthesizer

841N4830 Datasheet (HTML) - Renesas Technology Corp


841N4830 Product details

Features
• Fourth generation FemtoClock® Next Generation (NG) technology
• Three differential HCSL outputs, one differential LVPECL and
two single-ended LVCMOS/LVTTL outputs
• Crystal oscillator interface designed for a 25MHz, 12pF parallel
resonant crystal
• CLK/nCLK input pair can accept the following differential input
levels: LVPECL, LVDS, HCSL
• A 25MHz crystal generates output frequencies of: 100MHz,
50MHz and 25MHz
• VCO frequency: 2GHz
• RMS Phase Jitter @ 100MHz, (12kHz – 20MHz) using a 25MHz
crystal: 0.36ps (maximum)
• Power supply noise rejection PSNR: -45dB (typical)
• PCI Express Gen 2 (5 Gb/s) jitter compliant
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 841N4830

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841N4830 IDT-841N4830 Datasheet
687Kb / 28P
Fourth generation FemtoClock
841N4830 IDT-841N4830 Datasheet
491Kb / 28P
FemtoClock NG Crystal-to-HCSL Frequency Synthesizer
841N4830BKILF IDT-841N4830BKILF Datasheet
491Kb / 28P
FemtoClock NG Crystal-to-HCSL Frequency Synthesizer
841N4830BKILFT IDT-841N4830BKILFT Datasheet
491Kb / 28P
FemtoClock NG Crystal-to-HCSL Frequency Synthesizer
841N4830 IDT-841N4830_16 Datasheet
491Kb / 28P
FemtoClock NG Crystal-to-HCSL Frequency Synthesizer
More results


Similar Description - 841N4830

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841N254B IDT-841N254B Datasheet
481Kb / 24P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
841N254B IDT-841N254B_18 Datasheet
542Kb / 25P
FemtoClock NG Crystal-to-LVDS/ HCSL Clock Synthesizer
841N4830 IDT-841N4830_16 Datasheet
491Kb / 28P
FemtoClock NG Crystal-to-HCSL Frequency Synthesizer
logo
Renesas Technology Corp
841604 RENESAS-841604 Datasheet
612Kb / 18P
FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
841N254B RENESAS-841N254B Datasheet
950Kb / 25P
FemtoClock® NG Crystal-to-LVDS/ HCSL Clock Synthesizer
February 2, 2023
843N252-45 RENESAS-843N252-45 Datasheet
488Kb / 17P
FemtoClock® NG Crystal-to-3.3V LVPECL Frequency Synthesizer
April 20, 2016
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
841654 RENESAS-841654 Datasheet
492Kb / 19P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
844N255I RENESAS-844N255I Datasheet
894Kb / 23P
FemtoClock® NG Crystal-to-LVDS Clock Synthesizer
April 28, 2016
844S2416 RENESAS-844S2416 Datasheet
522Kb / 24P
FemtoClock® NG Crystal-to-Differential HCSL/LVCMOS Frequency Synthesizer
April 29, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com