Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844S42I Datasheet (PDF) - Renesas Technology Corp

ICS844S42I Datasheet PDF - Renesas Technology Corp
Part # ICS844S42I
Download  ICS844S42I Download
File Size   705.63 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Output RF Frequency Synthesizer

ICS844S42I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS844S42I Datasheet PDF - Renesas Technology Corp

Part # ICS844S42I
Download  ICS844S42I Click to download

File Size   705.63 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Output RF Frequency Synthesizer

ICS844S42I Datasheet (HTML) - Renesas Technology Corp


ICS844S42I Product details

General Description
The 844S42I is a 3.3V compatible, PLL based clock synthesizer
targeted for clock generation in high-performance instrumentation,
networking and computing applications. Using either the serial (I2C)
or parallel programming interface, the 844S42I enables the
generation of clock frequencies in the range of 81MHz to 2592MHz.
The internal crystal oscillator uses the external quartz crystal as the
basis of its frequency reference. Alternatively, a LVCMOS compatible
clock signal can be used as PLL reference signal. The devices uses
an integer-N synthesizer architecture and is optimized for low-jitter
generation. The VCO within the PLL operates over a range of
1296MHz to 2592MHz. Its output is scaled by a divider that is
configured by either the I2C or parallel interfaces. The crystal
oscillator frequency fXTAL, the PLL pre-divider P, the feedback-divider
M and the PLL post-divider N determine the output frequency. The
feedback path of the PLL is internal.
The PLL post-dividers NA and NB are configured through either the
I
2C or the parallel interfaces, each can provide one of seven division
ratios (1, 2, 3, 4, 6, 8, 16). This divider extends the performance of
the part while providing a typical 50% duty cycle. The high-frequency
outputs QA and QB are differential and are capable of driving a pair
of transmission lines. The positive supply voltage for the internal PLL
is separated from the power supply for the core logic and output
drivers to minimize noise induced jitter. The serial interface is I2C
compatible and provides read and write access to the internal PLL
configuration registers. The lock state of the PLL is indicated by the
LVCMOS-compatible LOCK_DT output. The 844S42I is packaged
in a 8mm x 8mm 56-lead VFQFN package.
Features
• Programmable frequency synthesis optimized for instrumentation,
networking and computing applications
• 81MHz to 2592MHz synthesized clock output signal
• Two differential, universal LVDS or LVPECL compatible
high-frequency outputs
• Output frequency programmable through 2-wire I2C bus or
parallel interface
• On-chip crystal oscillator for reference frequency generation
• Alternative LVCMOS/LVTTL compatible reference clock input
• Clock stop and output enable functionality
• PLL lock indicator output (LVCMOS/LVTTL)
• LVCMOS/LVTTL compatible control inputs
• Fully integrated PLL
• SiGe Technology
• Full 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in a lead-free (RoHS 6) compliant package




Similar Part No. - ICS844S42I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844S42I IDT-ICS844S42I Datasheet
236Kb / 27P
On-chip crystal oscillator for reference frequency generation
More results


Similar Description - ICS844S42I

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
Dual PLL frequency synthesizer
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
National Semiconductor ...
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
PLLatinum Dual Frequency Synthesizer for RF Personal Communications
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
LMX2430 TI1-LMX2430_16 Datasheet
3Mb / 53P
Dual High-Frequency Synthesizer
logo
Integrated Device Techn...
844S42I IDT-844S42I Datasheet
428Kb / 28P
Dual Output RF Frequency Synthesizer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com