Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMB2349 Datasheet (PDF) - Infineon Technologies AG

PMB2349 Datasheet PDF - Infineon Technologies AG
Part # PMB2349
Download  PMB2349 Download
File Size   670.74 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Optimized RF/IF Dual PLL Frequency Synthesizer

PMB2349 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMB2349 Datasheet PDF - Infineon Technologies AG

Part # PMB2349
Download  PMB2349 Click to download

File Size   670.74 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Optimized RF/IF Dual PLL Frequency Synthesizer

PMB2349 Datasheet (HTML) - Infineon Technologies AG


PMB2349 Product details

General Description
The PMB 2349 is a RF/IF Dual-PLL frequency synthesizer implemented in Infineon’s high speed BiCMOS technology B6HFC. The device contains two PLLs with integrated prescalers especially designed for use in battery powered radio equipment and mobile telephones. Primary applications are single- and dual-band digital cellular systems e.g. GSM, PCN (DCS 1800) and PCS systems.

Features
■ Operation range 2.7 to 5.0 V
■ Ultra low phase noise
■ Ultra low spurious
■ Faster lock-in times
■ New bipolar power modes
■ New programmable Reference Amplifier
■ External or internal reference current setting for PD outputs
■ Low operating current consumption
■ Programmable power down modes
■ High input sensitivity and high input frequencies: PLL1 (RF): 2.8 GHz PLL2 (IF): 600 MHz
■ Programmable dual modulus prescaler divide ratio:
        PLL1: 1:64/65 or 1:32/33
        PLL2: 16/17 or 1:8/9
    Dividing ratios:
        A counters: PLL1: 0 to 63 PLL2: 0 to 15
        N counters: PLL1: 3 to 16,383 PLL2: 3 to 16,383
        R counters 3 to 16,383 for PLL1 and PLL2
■ Fast phase detectors and charge pump outputs without dead zone
■ Switchable polarity and programmable phase detector currents
■ Fast serial 3-wire bus interface with low threshold voltage Schmitt-Trigger inputs for interfacing with low voltage baseband circuits
■ Two data registers in PLL2 for fast IF band switching
■ A programmable output port for lock detect or general porpose (VCO switch etc.).




Similar Part No. - PMB2349

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2341 INFINEON-PMB2341 Datasheet
410Kb / 26P
10-pin Single PLL
Version 1.0 February 2000
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
More results


Similar Description - PMB2349

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
IF Band PLL Frequency Synthesizer
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
logo
Analog Devices
ADF4210 AD-ADF4210 Datasheet
251Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
ADF4211 AD-ADF4211_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
Dual PLL Frequency Synthesizer
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com