Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMB2347 Datasheet (PDF) - Infineon Technologies AG

PMB2347 Datasheet PDF - Infineon Technologies AG
Part # PMB2347
Download  PMB2347 Download
File Size   578.84 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description RF/IF Double PLL Frequency Synthesizer

PMB2347 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMB2347 Datasheet PDF - Infineon Technologies AG

Part # PMB2347
Download  PMB2347 Click to download

File Size   578.84 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description RF/IF Double PLL Frequency Synthesizer

PMB2347 Datasheet (HTML) - Infineon Technologies AG


PMB2347 Product details

General Description
The PMB 2347 is a RF/IF double PLL frequency synthesizer implemented in Infineon’ high speed BiCMOS technology B6HFC. The device contains two PLLs with integrated prescalers especially designed for use in battery powered radio equipment and mobile telephones. Primary applications are single- and dual-band digital cellular systems e.g. GSM, PCN (DCS 1800) and PCS systems.

Features
■ Operation range 2.7 to 5.0 V
■ Low operating current consumption
■ Programmable power down modes
■ High input sensitivity and high input
    frequencies: PLL1 (RF): 2.8 GHz
    PLL2 (IF): 500 MHz
■ Programmable dual modulus
    prescaler divide ratio:
    PLL1: 1:64/65 or 1:32/33
    PLL2: 16/17 or 1:8/9
    Dividing ratios:
    A counters: PLL1: 0 to 63
                       PLL2: 0 to 15
    N counters: PLL1: 3 to 16,383
                       PLL2: 3 to 16,383
    R counters 3 to 16,383 for PLL1 and PLL2
■ Fast phase detectors and charge pump outputs without dead zone
■ High phase noise performance
■ Switchable polarity and programmable phase detector currents
■ External reference current setting for PD outputs
■ Fast serial 3-wire bus interface with
    low threshold voltage Schmitt-Trigger inputs for interfacing with low
    voltage baseband circuits
■ Two data registers in PLL2 for fast
    IF band switching
■ A programmable multi-functional
    output port for lock detect (quasidigital lock detect) and test mode




Similar Part No. - PMB2347

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2341 INFINEON-PMB2341 Datasheet
410Kb / 26P
10-pin Single PLL
Version 1.0 February 2000
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
More results


Similar Description - PMB2347

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
IF Band PLL Frequency Synthesizer
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Analog Devices
ADF4210 AD-ADF4210 Datasheet
251Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
ADF4211 AD-ADF4211_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com