Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854S036 Datasheet (PDF) - Renesas Technology Corp

ICS854S036 Datasheet PDF - Renesas Technology Corp
Part # ICS854S036
Download  ICS854S036 Download
File Size   1213.21 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, Dual, Differential-to-LVDS Fanout Buffer

ICS854S036 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS854S036 Datasheet PDF - Renesas Technology Corp

Part # ICS854S036
Download  ICS854S036 Click to download

File Size   1213.21 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, Dual, Differential-to-LVDS Fanout Buffer

ICS854S036 Datasheet (HTML) - Renesas Technology Corp


ICS854S036 Product details

General Description
The ICS854S036 is a low skew, high performance
Dual Differential-to-LVDS Fanout Buffer. One of the
two fanout buffers has 3 LVDS outputs, the other has 6
LVDS outputs. The PCLKx, nPCLKx pairs can accept
most standard differential input levels. The
ICS854S036 is characterized to operate from a 3.3V power supply.
Guaranteed output and bank skew characteristics make the
ICS854S036 ideal for those clock distribution applications
demanding well defined performance and repeatability.
Features
• Two independent differential LVDS output buffers, buffer A with
three outputs, buffer B with 6 outputs
• Two differential clock input pairs
• PCLKx, nPCLKx pairs can accept the following differential input
levels: LVPECL, LVDS, CML, SSTL
• Output frequency: 2GHz
• Translates any single ended input signal to LVDS levels with
resistor bias on nPCLKx input
• Output skew: 100ps (maximum)
• Bank skew: 20ps (maximum)
• Propagation delay: 550ps (maximum)
• Additive phase jitter, RMS: 0.06ps (typical)
• Full 3.3V power supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS854S036

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S006AGILF IDT-ICS854S006AGILF Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
ICS854S006I IDT-ICS854S006I Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair
ICS854S013 IDT-ICS854S013 Datasheet
670Kb / 14P
LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
ICS854S013BG IDT-ICS854S013BG Datasheet
670Kb / 14P
LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
ICS854S013BGLF IDT-ICS854S013BGLF Datasheet
670Kb / 14P
LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
More results


Similar Description - ICS854S036

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S013 IDT-ICS854S013 Datasheet
670Kb / 14P
LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
854S006I IDT-854S006I Datasheet
272Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006 IDT-854S006 Datasheet
691Kb / 17P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
85411 RENESAS-85411 Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com