Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854S202I Datasheet (PDF) - Renesas Technology Corp

ICS854S202I Datasheet PDF - Renesas Technology Corp
Part # ICS854S202I
Download  ICS854S202I Download
File Size   935.09 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12:2, Differential-to-LVDS Multiplexer

ICS854S202I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS854S202I Datasheet PDF - Renesas Technology Corp

Part # ICS854S202I
Download  ICS854S202I Click to download

File Size   935.09 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12:2, Differential-to-LVDS Multiplexer

ICS854S202I Datasheet (HTML) - Renesas Technology Corp


ICS854S202I Product details

General Description
The ICS854S202I is a 12:2 Differential-to-LVDS Clock Multiplexer
which can operate up to 3GHz. The ICS854S202I has twelve selectable differential clock inputs, any of which can be independently routed to either of the two LVDS outputs. The CLKx, nCLKx input pairs
can accept LVPECL, LVDS, CML levels. The fully differential architecture and low propagation delay make it ideal for use in clock distribution circuits.
Features
• Two differential 3.3V LVDS clock outputs
• Twelve selectable differential clock inputs
• CLKx, nCLKx pairs can accept the following differential input levels:
LVPECL, LVDS, CML
• Maximum output frequency: 3GHz
• Propagation delay: 1.1ns (maximum)
• Input skew: 100ps (maximum)
• Output skew: 50ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Additive phase jitter, RMS (12kHz – 20MHz): 0.16ps (typical)
• Full 3.3V operating supply mode
• -40°C to 85°C ambient operating temperature




Similar Part No. - ICS854S202I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S202I-01 IDT-ICS854S202I-01 Datasheet
486Kb / 17P
12:2, DIFFERENTIAL-TO-LVDS MULTIPLEXER
logo
Renesas Technology Corp
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
More results


Similar Description - ICS854S202I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A APRIL 8, 2004
ICS85454-01 ICST-ICS85454-01 Datasheet
199Kb / 15P
DIFFERENTIAL-TO-LVDS MULTIPLEXER
REV. B JUNE 16, 2006
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
DIFFERENTIAL-TO-LVDS MULTIPLEXER
REV. A FEBRUARY 22, 2005
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
logo
Integrated Device Techn...
ICS854S202I-01 IDT-ICS854S202I-01 Datasheet
486Kb / 17P
12:2, DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
2:1 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
2:1 Differential-to-LVDS Multiplexer
September 29, 2022
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
ICS854S54I-01 RENESAS-ICS854S54I-01 Datasheet
419Kb / 18P
Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
July 17, 2017
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com