Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854058 Datasheet (PDF) - Integrated Circuit Systems

ICS854058 Datasheet PDF - Integrated Circuit Systems
Part # ICS854058
Download  ICS854058 Download
File Size   174.62 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER

ICS854058 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS854058 Datasheet PDF - Integrated Circuit Systems

Part # ICS854058
Download  ICS854058 Click to download

File Size   174.62 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER

ICS854058 Datasheet (HTML) - Integrated Circuit Systems


ICS854058 Product details

GENERAL DESCRIPTION
The ICS854058 is an 8:1 Differential-to-LVDS Clock Multiplexer which can operate up to 2.5GHz and is a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS854058 has 8 selectable differential clock inputs. The PCLK, nPCLK input pairs can accept LVPECL, LVDS, CML or SSTL levels. The fully differential architecture and low propagation delay make it ideal for use in clock distribution circuits. The select pins have internal pulldown resistors. The SEL2 pin is the most significant bit and the binary number applied to the select pins will select the same numbered data input (i.e., 000 selects PCLK0, nPCLK0).

FEATURES
• High speed 8:1 differential multiplexer
• 1 differential LVDS output
• 8 selectable differential PCLK, nPCLK inputs
• PCLKx, nPCLKx pairs can accept the following differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: 2.5GHz
• Translates any single ended input signal to LVDS levels with resistor bias on nPCLKx input
• Part-to-part skew: TBD
• Propagation delay: 595ps (typical)
• Supply voltage range: 3.135V to 3.465V
• -40°C to 85°C ambient operating temperature




Similar Part No. - ICS854058

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AG ICST-ICS854054AG Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AGLF ICST-ICS854054AGLF Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AGLFT ICST-ICS854054AGLFT Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AGT ICST-ICS854054AGT Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
More results


Similar Description - ICS854058

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85454-01 ICST-ICS85454-01 Datasheet
199Kb / 15P
DIFFERENTIAL-TO-LVDS MULTIPLEXER
REV. B JUNE 16, 2006
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
DIFFERENTIAL-TO-LVDS MULTIPLEXER
REV. A FEBRUARY 22, 2005
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
2:1 Differential-to-LVDS Multiplexer
September 29, 2022
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
ICS859S0424I RENESAS-ICS859S0424I Datasheet
1Mb / 25P
4:4 Differential-to-LVPECL/LVDS Clock Multiplexer
OCTOBER 12, 2011
ICS854S054I RENESAS-ICS854S054I Datasheet
1Mb / 15P
4:1 Differential-to-LVDS Clock Multiplexer
2019
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
8:1 Differential-to-LVDS Clock Multiplexer
2019
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
ICS859S0412I RENESAS-ICS859S0412I Datasheet
1Mb / 24P
4:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com