Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854058 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS854058
Description  DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS854058 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS854058 Datasheet HTML 1Page - Integrated Circuit Systems ICS854058 Datasheet HTML 2Page - Integrated Circuit Systems ICS854058 Datasheet HTML 3Page - Integrated Circuit Systems ICS854058 Datasheet HTML 4Page - Integrated Circuit Systems ICS854058 Datasheet HTML 5Page - Integrated Circuit Systems ICS854058 Datasheet HTML 6Page - Integrated Circuit Systems ICS854058 Datasheet HTML 7Page - Integrated Circuit Systems ICS854058 Datasheet HTML 8Page - Integrated Circuit Systems ICS854058 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
854058AG
www.icst.com/products/hiperclocks.html
REV. A APRIL 8, 2004
1
Integrated
Circuit
Systems, Inc.
ICS854058
8:1
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
PRELIMINARY
GENERAL DESCRIPTION
The ICS854058 is an 8:1 Differential-to-LVDS Clock
Multiplexer which can operate up to 2.5GHz and
is a member of the HiPerClockS™ family of High
Performance Clock Solutions from ICS. The
ICS854058 has 8 selectable differential clock in-
puts.The PCLK, nPCLK input pairs can accept LVPECL, LVDS,
CML or SSTL levels. The fully differential architecture and low
propagation delay make it ideal for use in clock distribution cir-
cuits.The select pins have internal pulldown resistors.The SEL2
pin is the most significant bit and the binary number applied to
the select pins will select the same numbered data input (i.e.,
000 selects PCLK0, nPCLK0).
FEATURES
• High speed 8:1 differential multiplexer
• 1 differential LVDS output
• 8 selectable differential PCLK, nPCLK inputs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: 2.5GHz
• Translates any single ended input signal to
LVDS levels with resistor bias on nPCLKx input
• Part-to-part skew: TBD
• Propagation delay: 595ps (typical)
• Supply voltage range: 3.135V to 3.465V
• -40°C to 85°C ambient operating temperature
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
ICS854058
24-Lead, 173-MIL TSSOP
4.4mm x 7.8mm x 0.92mm body package
G Package
Top View
PCLK0
nPCLK0
PCLK1
nPCLK1
VDD
SEL0
SEL1
SEL2
PCLK2
nPCLK2
PCLK3
nPCLK3
PCLK7
nPCLK7
PLCK6
nPCLK6
VDD
Q0
nQ0
GND
PCLK5
nPCLK5
PCLK4
nPCLK4
PCLK0
nPCLK0
PCLK1
nPCLK1
PCLK2
nPCLK2
PCLK3
nPCLK3
000
011
001
010
SEL1 SEL0
Q0
nQ0
PCLK4
nPCLK4
PCLK5
nPCLK5
PCLK6
nPCLK6
PCLK7
nPCLK7
SEL2
100
111
101
110
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS854058

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AG ICST-ICS854054AG Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AGLF ICST-ICS854054AGLF Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AGLFT ICST-ICS854054AGLFT Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AGT ICST-ICS854054AGT Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
More results

Similar Description - ICS854058

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85454-01 ICST-ICS85454-01 Datasheet
199Kb / 15P
DIFFERENTIAL-TO-LVDS MULTIPLEXER
REV. B JUNE 16, 2006
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
DIFFERENTIAL-TO-LVDS MULTIPLEXER
REV. A FEBRUARY 22, 2005
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
2:1 Differential-to-LVDS Multiplexer
September 29, 2022
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
ICS859S0424I RENESAS-ICS859S0424I Datasheet
1Mb / 25P
4:4 Differential-to-LVPECL/LVDS Clock Multiplexer
OCTOBER 12, 2011
ICS854S054I RENESAS-ICS854S054I Datasheet
1Mb / 15P
4:1 Differential-to-LVDS Clock Multiplexer
2019
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
8:1 Differential-to-LVDS Clock Multiplexer
2019
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
ICS859S0412I RENESAS-ICS859S0412I Datasheet
1Mb / 24P
4:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com