Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS859S0412I Datasheet (PDF) - Renesas Technology Corp

ICS859S0412I Datasheet PDF - Renesas Technology Corp
Part # ICS859S0412I
Download  ICS859S0412I Download
File Size   1132.42 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4:2, Differential-to-LVPECL/LVDS Clock Multiplexer

ICS859S0412I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS859S0412I Datasheet PDF - Renesas Technology Corp

Part # ICS859S0412I
Download  ICS859S0412I Click to download

File Size   1132.42 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4:2, Differential-to-LVPECL/LVDS Clock Multiplexer

ICS859S0412I Datasheet (HTML) - Renesas Technology Corp


ICS859S0412I Product details

Features
• High speed 4:1 differential multiplexer with a 1:2 fanout buffer
• Two differential LVPECL or LVDS output pairs
• Four selectable differential PCLKx, nPCLKx input pairs
• PCLKx, nPCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, CML
• Maximum output frequency: 3GHz
• Translates any single ended input signal to LVPECL levels with
resistor bias on nPCLKx input
• Part-to-part skew: 100ps (maximum)
• Propagation delay: 565ps (typical) at 3.3V
• Additive phase jitter, RMS: 0.22ps (typical) at 3.3V
• Full 3.3V or 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS859S0412I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
Maximum output frequency
More results


Similar Description - ICS859S0412I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85357-01 ICST-ICS85357-01 Datasheet
120Kb / 12P
4:1 OR 2:1 DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
REV. A JULY 16, 2001
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A APRIL 8, 2004
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
REV. A JANUARY 16, 2006
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
logo
Integrated Device Techn...
ICS879S216I-02 IDT-ICS879S216I-02 Datasheet
873Kb / 22P
2:2, Differential-to-LVPECL/LVDS Divider
853S01 IDT-853S01 Datasheet
435Kb / 23P
2:1 Differential-to-LVPECL Multiplexer
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
ICS859S0424I RENESAS-ICS859S0424I Datasheet
1Mb / 25P
4:4 Differential-to-LVPECL/LVDS Clock Multiplexer
OCTOBER 12, 2011
ICS854S054I RENESAS-ICS854S054I Datasheet
1Mb / 15P
4:1 Differential-to-LVDS Clock Multiplexer
2019
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com