Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854058 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS854058
Description  DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS854058 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS854058 Datasheet HTML 4Page - Integrated Circuit Systems ICS854058 Datasheet HTML 5Page - Integrated Circuit Systems ICS854058 Datasheet HTML 6Page - Integrated Circuit Systems ICS854058 Datasheet HTML 7Page - Integrated Circuit Systems ICS854058 Datasheet HTML 8Page - Integrated Circuit Systems ICS854058 Datasheet HTML 9Page - Integrated Circuit Systems ICS854058 Datasheet HTML 10Page - Integrated Circuit Systems ICS854058 Datasheet HTML 11Page - Integrated Circuit Systems ICS854058 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
854058AG
www.icst.com/products/hiperclocks.html
REV. A APRIL 8, 2004
9
Integrated
Circuit
Systems, Inc.
ICS854058
8:1
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
PRELIMINARY
SCHEMATIC EXAMPLE
An application schematic example of ICS854058 is shown
in
Figure 4. The inputs can accept various types of differential
signals. In this example, the inputs are driven by LVDS drivers.
The transmission lines are assumed to be 100
Ω differential.
The 100
Ω matched loads termination should be located
near the receivers. It is recommended at least one
decoupling capacitor per power pin. The decoupling ca-
pacitor should be low ESR and located as close as pos-
sible to the power pin.
FIGURE 4. ICS854058 SCHEMATIC EXAMPLE
R1
100
100 Ohm Differential
Zo = 50
3.3V
VDD
U1
ICS854058
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
24
23
22
21
PCLK0
nPCLK0
PCLK1
nPCLK1
VDD
SEL0
SEL1
SEL2
PCLK2
nPCLK2
PCLK3
nPCLK3
nPCLK4
PCLK4
nPCLK5
PCLK5
GND
nQ0
Q0
VDD
PCLK7
nPCLK7
PCLK6
nPCLK6
C2
0.1u
Zo = 50
3.3V
RU1
1K
Set Logic
Input to
'0'
C1
0.1u
LVDS
+
-
To Logic
Input
pins
100 Ohm Dif ferential
RD1
Not Install
To Logic
Input
pins
R3
100
LVDS
Logic Control Input Examples
LVDS
Set Logic
Input to
'1'
Zo = 50
R2
100
RD2
1K
Zo = 50
VDD
Zo = 50
100 Ohm Differential
RU2
Not Install
Zo = 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com