Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT5V925BI Datasheet (PDF) - Renesas Technology Corp

IDT5V925BI Datasheet PDF - Renesas Technology Corp
Part # IDT5V925BI
Download  IDT5V925BI Download
File Size   414.28 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable LVCMOS/LVTTL Clock Generator

IDT5V925BI Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT5V925BI Datasheet PDF - Renesas Technology Corp

Part # IDT5V925BI
Download  IDT5V925BI Click to download

File Size   414.28 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable LVCMOS/LVTTL Clock Generator

IDT5V925BI Datasheet (HTML) - Renesas Technology Corp


IDT5V925BI Product details

General Description
The IDT5V925BI is a high-performance, low skew, low jitter
phase-locked loop (PLL) clock driver. It provides precise phase and
frequency alignment of its clock outputs to an externally applied
clock input or internal crystal oscillator. The IDT5V925BI has been
specially designed to interface with Gigabit Ethernet and Fast
Ethernet applications by providing a 125MHz clock from 25MHz
input. It can also be programmed to provide output frequencies
ranging from 3.125MHz to 160MHz with input frequencies ranging
from 3.125MHz to 80MHz.
The IDT5V925BI includes an internal RC filter that provides
excellent jitter characteristics and eliminates the need for external
components. When using the optional crystal input, the chip accepts
a 10-30MHz fundamental mode crystal with a maximum equivalent
series resistance of 50. The on-chip crystal oscillator includes the
feedback resistor and crystal capacitors (nominal load capacitance
is 18pF).

Features
• 3V to 3.6V operating voltage
• 3.125MHz to 160MHz output frequency range
• Four programmable frequency LVCMOS/LVTTL outputs
• Input from fundamental crystal oscillator or external source
• Balanced drive outputs ±12mA
• PLL disable mode for low frequency testing
• Select inputs (S[1:0]) for divide selection (multiply ratio of 2, 3, 4,
5, 6, 7 and 8)
• 5V tolerant inputs
• Low output skew/jitter
• External PLL feedback, internal loop filter
• -40°C to 85°C ambient operating temperature
• Available in Lead-free (RoHS 6) package
• For functional replacement device use 8T49N242




Similar Part No. - IDT5V925BI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V925BI IDT-IDT5V925BI Datasheet
835Kb / 18P
Programmable LVCMOS/LVTTL Clock Generator
More results


Similar Description - IDT5V925BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A MAY 10, 2004
ICS840021 ICST-ICS840021 Datasheet
202Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
IDT5V925BI IDT-IDT5V925BI Datasheet
835Kb / 18P
Programmable LVCMOS/LVTTL Clock Generator
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
87016 IDT-87016 Datasheet
271Kb / 17P
Low Skew LVCMOS/LVTTL Clock Generator
87021I IDT-87021I Datasheet
233Kb / 14P
Differential-to-LVCMOS/LVTTL Clock Generator
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
FemtoClock LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com