Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87949I-01 Datasheet (PDF) - Renesas Technology Corp

ICS87949I-01 Datasheet PDF - Renesas Technology Corp
Part # ICS87949I-01
Download  ICS87949I-01 Download
File Size   244.84 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVCMOS / LVTTL CLOCK GENERATOR

ICS87949I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS87949I-01 Datasheet PDF - Renesas Technology Corp

Part # ICS87949I-01
Download  ICS87949I-01 Click to download

File Size   244.84 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVCMOS / LVTTL CLOCK GENERATOR

ICS87949I-01 Datasheet (HTML) - Renesas Technology Corp


ICS87949I-01 Product details

FEATURES
• 15 single ended LVCMOS/LVTTL outputs,
7Ω typical output impedance
• Selectable LVCMOS/LVTTL or LVPECL clock inputs
• CLK0 and CLK1 can accept the following input levels:
LVCMOS and LVTTL
• PCLK, nPCLK supports the following input types:
LVPECL, CML, SSTL
• Maximum input frequency: 250MHz
• Output skew: 250ps (maximum)
• Part-to-part skew: 1ns (maximum)
• Full 3.3V or mixed 3.3V core/2.5V output supply
• -40°C to 85°C ambient operating temperature
• Functionally compatible to the MPC949 in a smaller footprint
requiring less board space




Similar Part No. - ICS87949I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87949-01 ICST-ICS87949-01 Datasheet
130Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A JANUARY 2, 2002
ICS87949AY-01 ICST-ICS87949AY-01 Datasheet
130Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A JANUARY 2, 2002
ICS87949AY-01T ICST-ICS87949AY-01T Datasheet
130Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A JANUARY 2, 2002
More results


Similar Description - ICS87949I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A MAY 10, 2004
ICS840021 ICST-ICS840021 Datasheet
202Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
IDT5V925BI IDT-IDT5V925BI Datasheet
835Kb / 18P
Programmable LVCMOS/LVTTL Clock Generator
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
87016 IDT-87016 Datasheet
271Kb / 17P
Low Skew LVCMOS/LVTTL Clock Generator
87021I IDT-87021I Datasheet
233Kb / 14P
Differential-to-LVCMOS/LVTTL Clock Generator
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
FemtoClock LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
IDT5V925BI RENESAS-IDT5V925BI Datasheet
414Kb / 19P
Programmable LVCMOS/LVTTL Clock Generator
March 10, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com