Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3011 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV3011 Datasheet PDF - Texas Instruments
Part # TLV3011
Download  TLV3011 Download
File Size   1515.37 Kbytes
Page   39 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference

TLV3011 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3011 Datasheet PDF - Texas Instruments

Part # TLV3011
Download  TLV3011 Click to download

File Size   1515.37 Kbytes
Page   39 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference

TLV3011 Datasheet (HTML) - Texas Instruments


TLV3011 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C6
• Low quiescent current: 3.1 μA (maximum, "B"
version)
• Integrated voltage reference: 1.242 V
• Input common-mode range: 200 mV beyond rails
• Voltage reference initial accuracy: 1%
• Fail-safe inputs ("B" version)
• Power-on-reset ("B" version)
• Integrated hysteresis ("B" version)
• Open drain output option (TLV3011x-Q1)
• Push-pull output option (TLV3012x-Q1)
• Fast response time: 6 uS
• Low supply voltage = 1.65 V to 5.5 V ("B" version)

2 Applications
• Lane departure warning
• Cluster
• Toll tag
• Asset tracking
• Battery management systems

3 Description
The TLV3011-Q1 is a low-power, open-drain output
comparator; the TLV3012-Q1 is a push-pull output
comparator. Both devices feature an uncommitted onchip
voltage reference and have a 5 μA (maximum)
quiescent current, an input common-mode range
200 mV beyond the supply rails, and single-supply
operation from 1.8 V to 5.5 V. The integrated 1.242
V series voltage reference offers low 100 ppm/°C
(maximum) drift, is stable with up to 10 nF capacitive
load, and can provide up to 0.5 mA (typical) of output
current.
The TLV3011B-Q1 and TLV3012B-Q1 "B" versions
add power-on-reset (POR), fail-safe inputs, built-in
hysteresis, a lower minimum supply voltage of 1.65
V and a 3.1 μA maximum quiescent current.
The family is available in both the tiny SOT23-6
package for space-conservative designs, and in the
SC-70 package for even greater board area savings.
All versions are specified for the temperature range of
–40°C to +125°C.




Similar Part No. - TLV3011

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3011 TI-TLV3011 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011 TI-TLV3011 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011 TI-TLV3011 Datasheet
1Mb / 40P
TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
TLV3011 TI-TLV3011 Datasheet
1Mb / 34P
TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
REVISED MAY 2023
More results


Similar Description - TLV3011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1_V01 Datasheet
1Mb / 32P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
TLV7031-Q1 TI1-TLV7031-Q1 Datasheet
883Kb / 26P
TLV7031-Q1 and TLV7041-Q1 Small-Size, Low-Power Comparators
TLV4062-Q1 TI-TLV4062-Q1 Datasheet
1Mb / 27P
TLV4062-Q1, TLV4082-Q1 Dual, Low-Power Comparator with Integrated Reference
TL331-Q1 TI-TL331-Q1_V01 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
TLV3011-Q1 TI-TLV3011-Q1 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011-Q1 TI-TLV3011-Q1_V01 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TL331LV-Q1 TI-TL331LV-Q1 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TLV3011 TI-TLV3011_V01 Datasheet
1Mb / 40P
TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
TL331LV-Q1 TI1-TL331LV-Q1_V01 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V02 Datasheet
2Mb / 58P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com