Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3011 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV3011 Datasheet PDF - Texas Instruments
Part # TLV3011
Download  TLV3011 Download
File Size   1323.33 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference

TLV3011 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3011 Datasheet PDF - Texas Instruments

Part # TLV3011
Download  TLV3011 Click to download

File Size   1323.33 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference

TLV3011 Datasheet (HTML) - Texas Instruments


TLV3011 Product details

1 Features
• VID V62/07604-01XE (TLV3011-EP)
• VID V62/23603-01XE (TLV3012-EP)
• Controlled baseline
– One assembly - test site
– One fabrication site
– Extended product life cycle
• Enhanced diminishing manufacturing sources
(DMS) support
• Extended temperature range of –55°C to 125°C
• Low quiescent current: 3.1 μA (maximum)
• Integrated series voltage reference: 1.242 V
• Input common-mode range: 200 mV beyond rails
• Voltage reference initial accuracy: 1%
• Open-drain output (TLV3011-EP)
• Push-pull output (TLV3012-EP)
• Interated hysteresis (TLV3012-EP Only)
• Fail-safe inputs (TLV3012-EP Only)
• Power on reset (TLV3012-EP Only)
• Supply range: 1.65 V to 5.5 V (TLV3012-EP Only)
• Fast response time: 2 μs
• Microsize package: SOT-23-6

2 Applications
• Battery-powered level detection
• Data acquisition
• System monitoring
• Oscillators

3 Description
The TLV3011-EP is a low-power, open-drain output
comparator; the TLV3012-EP is a push-pull output
comparator. Both devices feature an uncommitted
onchip voltage reference and have a 3.1 μA
(maximum) quiescent current, an input common-mode
range 200 mV beyond the supply rails, and singlesupply
operation from 1.65 V to 5.5 V.
The integrated 1.242-V series voltage reference offers
low 100-ppm/°C (maximum) drift, is stable with up to
10-nF capacitive load, and can sink or source up to
0.5 mA (typical) of output current that allows driving
external circuitry.
The TLV3011-EP and TLV3012-EP are available in
the tiny SOT-23-6 package for constrained-space
designs. The devices are specified for the extended
temperature range of –55°C to 125°C.
• Sensor systems




Similar Part No. - TLV3011

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3011 TI-TLV3011 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011 TI-TLV3011 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011 TI-TLV3011 Datasheet
1Mb / 40P
TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
TLV3011 TI-TLV3011 Datasheet
1Mb / 39P
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
More results


Similar Description - TLV3011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426MREP INTERSIL-ISL65426MREP Datasheet
67Kb / 3P
Enhanced Product (EP) 6.0A Dual Synchronous Buck Regulator with Integrated MOSFETs
October 29, 2007
logo
Texas Instruments
TLV3011-Q1 TI-TLV3011-Q1 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011-Q1 TI-TLV3011-Q1_V01 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011-Q1 TI-TLV3011-Q1_V02 Datasheet
1Mb / 39P
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
TLV3011 TI-TLV3011_V01 Datasheet
1Mb / 40P
TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
SN74LV2T74-EP TI-SN74LV2T74-EP Datasheet
997Kb / 21P
SN74LV2T74-EP Enhanced Product, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN74LV3T97-EP TI-SN74LV3T97-EP Datasheet
953Kb / 21P
SN74LV3T97-EP Enhanced Product, Configurable Multiple-Function Gate
NOVEMBER 2023
SN74LV4T00-EP TI-SN74LV4T00-EP Datasheet
942Kb / 18P
SN74LV4T00-EP Enhanced Product, Quadruple 2-Input Positive-NAND Gates With Integrated Translation
NOVEMBER 2023
SN74LV2T74-EP TI1-SN74LV2T74-EP_V01 Datasheet
1Mb / 25P
SN74LV2T74-EP Enhanced Product, Dual D-Type Flip-Flop With Integrated Translation
NOVEMBER 2023
SN74LV3T97-EP TI1-SN74LV3T97-EP_V01 Datasheet
1Mb / 26P
SN74LV3T97-EP Enhanced Product, Configurable Multiple-Function Gate
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com