Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX6202 Datasheet (PDF) - Texas Instruments

TMUX6202 Datasheet PDF - Texas Instruments
Part # TMUX6202
Download  TMUX6202 Download
File Size   1532.32 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic

TMUX6202 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX6202 Datasheet PDF - Texas Instruments

Part # TMUX6202
Download  TMUX6202 Click to download

File Size   1532.32 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic

TMUX6202 Datasheet (HTML) - Texas Instruments


TMUX6202 Product details

1 Features
• Dual supply range: ±4.5 V to ±18 V
• Single supply range: 4.5 V to 36V
• Low on-resistance: 1.2 Ω
• Low charge injection: −10 pC
• –40°C to +125°C operating temperature
• Integrated Pull-Down resistor on logic pins
• 1.8 V logic compatible
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional signal path
• Break-before-make switching

2 Applications
• Optical networking
• Optical test equipment
• Wired networking
• Factory automation and industrial controls
• Programmable logic controllers (PLC)
• Semiconductor test
• Ultrasound scanners
• Patient monitoring and diagnostics
• Remote radio units
• Data acquisition systems

3 Description
The TMUX620x is a complementary metal-oxide
semiconductor (CMOS) in a single channel, 1:1
(SPST) configuration. The device works with a single
supply (4.5 V to 36 V), dual supplies (±4.5 V to ±18
V), or asymmetric supplies (such as VDD = 12 V, VSS
= –5 V). The TMUX620x supports bidirectional analog
and digital signals on the source (S) and drain (D) pin
ranging from VSS to VDD.
The TMUX620x can be enabled or disabled by
controlling the SEL pin. When disabled, both signal
path switches are off. All logic control inputs support
logic levels from 1.8 V to VDD, which is compatible for
both TTL and CMOS logic when operating in the valid
supply voltage range. Fail-Safe Logic circuitry allows
voltages on the control pins to be applied before
the supply pin, protecting the device from potential
damage.




Similar Part No. - TMUX6202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6208 TI-TMUX6208 Datasheet
861Kb / 23P
TMUX6208 36-V, Low-Ron, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX6208 TI-TMUX6208 Datasheet
2Mb / 49P
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX6208 TI-TMUX6208 Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX6208 TI2-TMUX6208 Datasheet
2Mb / 49P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
REVISED JULY 2024
TMUX6208PWR TI-TMUX6208PWR Datasheet
861Kb / 23P
TMUX6208 36-V, Low-Ron, 8:1 Precision Multiplexer with 1.8-V Logic
More results


Similar Description - TMUX6202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6211 TI-TMUX6211 Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX6208 TI-TMUX6208_V01 Datasheet
2Mb / 49P
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX6208 TI-TMUX6208_V02 Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX6236 TI-TMUX6236_V01 Datasheet
2Mb / 41P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
REVISED JULY 2022
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX6221 TI-TMUX6221 Datasheet
1Mb / 36P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
MARCH 2023
TMUX7612 TI1-TMUX7612 Datasheet
1Mb / 34P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX6221 TI-TMUX6221_V01 Datasheet
1Mb / 35P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7612 TI-TMUX7612_V01 Datasheet
1Mb / 38P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com