Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPM6210A Datasheet (PDF) - Renesas Technology Corp

IPM6210A Datasheet PDF - Renesas Technology Corp
Part # IPM6210A
Download  IPM6210A Download
File Size   860.47 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision Dual PWM Controller And Linear Regulator for Notebook CPUs

IPM6210A Datasheet (PDF)

Go To PDF Page Download Datasheet
IPM6210A Datasheet PDF - Renesas Technology Corp

Part # IPM6210A
Download  IPM6210A Click to download

File Size   860.47 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Precision Dual PWM Controller And Linear Regulator for Notebook CPUs

IPM6210A Datasheet (HTML) - Renesas Technology Corp


IPM6210A Product details

Features
• Provides 3 Regulated Voltages
- 0.9V to 2.0V Microprocessor Core (SpeedStepTM
Enabled)
- 1.5V Microprocessor I/O
- 2.5V Microprocessor Clock Generator
• High Efficiency Over Wide Load Range
• Not Dissipative Current-Sense Scheme
- Uses MOSFET’s rDS(ON)
- Optional Current-Sense Resistor for Precision
Overcurrent
• Adaptive Dead-Time Drivers for N-Channel MOSFETs
• Operates from +5V, +3.3V and Battery (5.6-24V) Inputs
• Precision Core Voltage Control:
- Remote “Kelvin” Sensing
- Summing Current-Mode Control
- On-Chip Mode-Compensated “Droop” for Optimum
Transient Response and Lower Processor Power
Dissipation
• TTL-Compatible 5-Bit Digital Output Voltage Selection
- Wide Range - 0.925VDC to 1.3VDC in 25mV Steps, and
from 1.3VDC to 2.0VDC in 50mV Steps
- Programmable “On-the-Fly” VID Code Change with
Customer Programmable Slew Rate and 100s Settling
Time
• Power-Good Output Voltage Monitor
• No Negative Voltage on Outputs at Turn-Off
• Overvoltage, Undervoltage and Overcurrent Fault
Monitors
• 300kHz Fixed Switching Frequency
• Thermal Shutdown




Similar Part No. - IPM6210A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IPM6210A INTERSIL-IPM6210A Datasheet
658Kb / 15P
Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
August 2001
IPM6210ACA INTERSIL-IPM6210ACA Datasheet
658Kb / 15P
Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
August 2001
IPM6210ACA-T INTERSIL-IPM6210ACA-T Datasheet
658Kb / 15P
Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
August 2001
More results


Similar Description - IPM6210A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
December 28, 2004
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Intersil Corporation
IPM6210A INTERSIL-IPM6210A Datasheet
658Kb / 15P
Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
August 2001
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
March 9, 2006
logo
Texas Instruments
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL95822 RENESAS-ISL95822 Datasheet
185Kb / 2P
Dual-Phase PWM Regulator for VR12.5 and VR12.6 CPUs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com