Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1816 Datasheet (PDF) - Maxim Integrated Products

MAX1816 Datasheet PDF - Maxim Integrated Products
Part # MAX1816
Download  MAX1816 Download
File Size   983.19 Kbytes
Page   49 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers

MAX1816 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1816 Datasheet PDF - Maxim Integrated Products

Part # MAX1816
Download  MAX1816 Click to download

File Size   983.19 Kbytes
Page   49 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers

MAX1816 Datasheet (HTML) - Maxim Integrated Products


MAX1816 Product details

General Description
The MAX1816/MAX1994 are dual step-down controllers for notebook computer applications. BUCK1 is a CPU core regulator with dynamically adjustable output, ultrafast transient response, high DC accuracy, and high efficiency. BUCK2 is an adjustable step-down regulator for I/O and memory supplies. Both regulators employ Maxim’s proprietary Quick-PWM™ control architecture. This fast response, constant-on-time PWM control scheme handles wide input/output voltage ratios with ease and provides 100ns “instant” on-response to load transients, while maintaining a relatively constant switching frequency. The MAX1816/MAX1994 also have a linear-regulator controller for low-voltage auxiliary power supplies.

Features
♦ Dual Quick-PWM Architecture
♦ ±1% VOUT Accuracy
♦ 5-Bit On-Board D/A Converter
♦ +0.60V to +1.75V Output Adjust Range (MAX1816)
♦ +0.70V to +2.00V Output Adjust Range (MAX1994)
♦ Voltage-Positioning Gain and Offset Control
♦ +2V to +28V Battery Input Range
♦ Differential Remote Sense (BUCK1)
♦ Linear-Regulator Controller
♦ 200/300/550/1000kHz Switching Frequency
♦ 2.2mA (typ) ICC Supply Current
♦ 20µA (max) Shutdown Supply Current
♦ Independent Power-Good Outputs (PGOOD, LINGOOD)

Applications
    Mobile CPU Core and Video Processors
    Memory I/O and VID Supplies
    3- to 4-Cell Li+ Battery to CPU Core Supply
    Small Notebook Computers




Similar Part No. - MAX1816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX18166EWE+ MAXIM-MAX18166EWE+ Datasheet
1Mb / 22P
High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
More results


Similar Description - MAX1816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
logo
Linear Technology
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Maxim Integrated Produc...
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
logo
Linear Technology
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com