Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPM6220 Datasheet (PDF) - Renesas Technology Corp

IPM6220 Datasheet PDF - Renesas Technology Corp
Part # IPM6220
Download  IPM6220 Download
File Size   819.31 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced Triple PWM and Dual Linear Power Controller for Portable Applications

IPM6220 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPM6220 Datasheet PDF - Renesas Technology Corp

Part # IPM6220
Download  IPM6220 Click to download

File Size   819.31 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced Triple PWM and Dual Linear Power Controller for Portable Applications

IPM6220 Datasheet (HTML) - Renesas Technology Corp


IPM6220 Product details

Features
• Provides Five Regulated Voltages
- +5V ALWAYS
- +3.3V ALWAYS
- +5V Main
- +3.3V Main
- +12V
• High Efficiency Over Wide Line and Load Range
- Synchronous Buck Converters on Main Outputs
- Hysteretic Operation at Light Load
• No Current-Sense Resistor Required
- Uses MOSFET’s rDS(ON)
- Optional Current-Sense Resistor for More Precision
• Operates Directly From Battery 5.6 to 22V Input
• Input Undervoltage Lock-Out (UVLO)
• Excellent Dynamic Response
- Voltage Feed-Forward and Current-Mode Control
• Monitors Output Voltages
• Synchronous Converters Operate Out of Phase
• Separate Shut-Down Pins for Advanced Configuration and
Power Interface (ACPI) Compatibility
• 300kHz Fixed Switching Frequency on Main Outputs
• Thermal Shut-Down Protection




Similar Part No. - IPM6220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IPM6220 INTERSIL-IPM6220 Datasheet
358Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable
December 2000
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
August 2004
logo
Renesas Technology Corp
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
logo
Intersil Corporation
IPM6220ACA INTERSIL-IPM6220ACA Datasheet
527Kb / 15P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
August 2004
logo
Renesas Technology Corp
IPM6220ACA RENESAS-IPM6220ACA Datasheet
749Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
More results


Similar Description - IPM6220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
Advanced PWM and Triple Linear Power Controller
February 1999
ISL6226 INTERSIL-ISL6226 Datasheet
384Kb / 17P
Advanced PWM and Linear Power Controller for Portable Applications
August 2002
ISL6235 INTERSIL-ISL6235 Datasheet
441Kb / 14P
Advanced Triple PWM Only Mode and Dual Linear Power Controller for Portable Applications
June 2001
IPM6220 INTERSIL-IPM6220 Datasheet
358Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable
December 2000
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
August 2004
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
Advanced PWM and Triple Linear Power Controller for Gateway Applications
October 2001
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
Advanced PWM and Triple Linear Power Controller
March 8, 2005
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com