Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet (PDF) - Intersil Corporation

HIP6021 Datasheet PDF - Intersil Corporation
Part # HIP6021
Download  HIP6021 Download
File Size   136.72 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced PWM and Triple Linear Power Controller

HIP6021 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6021 Datasheet PDF - Intersil Corporation

Part # HIP6021
Download  HIP6021 Click to download

File Size   136.72 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced PWM and Triple Linear Power Controller

HIP6021 Datasheet (HTML) - Intersil Corporation


HIP6021 Product details

The HIP6021 provides the power control and protection for four output voltages in high-performance, graphics intensive microprocessor and computer applications. The IC integrates a voltage-mode PWM controller and three linear controllers, as well as the monitoring and protection functions into a 28-pin SOIC package. The PWM controller regulates the microprocessor core voltage with a synchronous-rectified buck converter. The linear controllers regulate the computer system’s AGP 1.5V or 3.3V bus power, the 1.5V GTL bus power, and the 1.8V power for the North/South Bridge core voltage and/or cache memory circuits. The HIP6021 includes an Intel-compatible, TTL 5-input digital-to-analog converter (DAC) that adjusts the core PWM output voltage from 1.3VDC to 2.05VDC in 0.05V steps and from 2.1VDC to 3.5VDC in 0.1V increments. The precision reference and voltage-mode control provide ±1% static regulation.



Features

• Provides 4 Regulated Voltages

   - Microprocessor Core, AGP Bus, Memory, and GTL Bus Power

• Drives N-Channel MOSFETs

• Linear Regulator Drives Compatible with both MOSFET and Bipolar Series Pass Transistors

• Fixed or Externally Resistor-Adjustable Linear Outputs (FIX Pin)

• Simple Single-Loop Control Design

   - Voltage-Mode PWM Control

• Fast PWM Converter Transient Response

   - High-Bandwidth Error Amplifier

   - Full 0% to 100% Duty Ratio

• Excellent Output Voltage Regulation

   - Core PWM Output: ±1% Over Temperature

   - Other Outputs: ±3% Over Temperature

• TTL-Compatible 5-Bit DAC Microprocessor Core Output Voltage Selection

   - Wide Range . . . . . . . . . . . . . . . . . . . 1.3VDC to 3.5VDC

• Power-Good Output Voltage Monitor

• Over-Voltage and Over-Current Fault Monitors

   - Switching Regulator Does Not Require Extra Current

      Sensing Element, Uses MOSFET’s rDS(ON)

• Small Converter Size

   - Constant Frequency Operation

   - 200kHz Free-Running Oscillator; Programmable From 50kHz to Over 1MHz

   - Small External Component Count

• Pb-Free Available (RoHS Compliant)



 




Similar Part No. - HIP6021

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
HIP6021A INTERSIL-HIP6021A Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
HIP6021ACB INTERSIL-HIP6021ACB Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
HIP6021ACB INTERSIL-HIP6021ACB Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
More results


Similar Description - HIP6021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
Advanced PWM and Linear Power Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
Advanced PWM and Triple Linear Power Controller for Gateway Applications
October 2001
logo
Anpec Electronics Corop...
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
Advanced PWM and Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
Advanced PWM and Triple Linear Power Controller
March 8, 2005
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
PWM and Triple Linear Power Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com