Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6021 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP6021 Datasheet HTML 4Page - Intersil Corporation HIP6021 Datasheet HTML 5Page - Intersil Corporation HIP6021 Datasheet HTML 6Page - Intersil Corporation HIP6021 Datasheet HTML 7Page - Intersil Corporation HIP6021 Datasheet HTML 8Page - Intersil Corporation HIP6021 Datasheet HTML 9Page - Intersil Corporation HIP6021 Datasheet HTML 10Page - Intersil Corporation HIP6021 Datasheet HTML 11Page - Intersil Corporation HIP6021 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2-303
Applications Guidelines for a procedure to determine the
soft-start interval.
Fault Protection
All four outputs are monitored and protected against extreme
overload. A sustained overload on any output or an over-
voltage on VOUT1 output (VSEN1) disables all outputs and
drives the FAULT/RT pin to VCC.
Figure 4 shows a simplified schematic of the fault logic. An
over-voltage detected on VSEN1 immediately sets the fault
latch. A sequence of three over-current fault signals also
sets the fault latch. The over-current latch is set dependent
upon the states of the over-current (OC), linear under-
voltage (LUV) and the soft-start signals. A window
comparator monitors the SS pin and indicates when CSS is
fully charged to 4V (UP signal). An under-voltage on either
linear output (VSEN2, VSEN3, or VSEN4) is ignored until
after the soft-start interval (T4 in Figure 3). This allows
VOUT2,VOUT3, and VOUT4 to increase without fault at start-
up. Cycling the bias input voltage (+12VIN on the VCC pin off
then on) resets the counter and the fault latch.
Over-Voltage Protection
During operation, a short on the upper MOSFET of the PWM
regulator (Q1) causes VOUT1 to increase. When the output
exceeds the over-voltage threshold of 115% of DACOUT, the
over-voltage comparator trips to set the fault latch and turns
Q2 on. This blows the input fuse and reduces VOUT1. The
fault latch raises the FAULT/RT pin to VCC.
A separate over-voltage circuit provides protection during
the initial application of power. For voltages on the VCC pin
below the power-on reset (and above ~4V), the output level
is monitored for voltages above 1.3V. Should VSEN1 exceed
this level, the lower MOSFET, Q2 is driven on.
Over-Current Protection
All outputs are protected against excessive over-currents.
The PWM controller uses the upper MOSFET’s
on-resistance, rDS(ON) to monitor the current for protection
against shorted output. All linear controllers monitor their
respective VSEN pins for under-voltage events to protect
against excessive currents.
Figure 5 illustrates the over-current protection with an
overload on OUT1. The overload is applied at T0 and the
current increases through the inductor (LOUT1). At time T1,
the OVER-CURRENT comparator trips when the voltage
across Q1 (iD •rDS(ON)) exceeds the level programmed by
ROCSET. This inhibits all outputs, discharges the soft-start
capacitor (CSS) with a 10mA current sink, and increments
the counter. CSS recharges at T2 and initiates a soft-start
cycle with the error amplifiers clamped by soft-start. With
OUT1 still overloaded, the inductor current increases to trip
the over-current comparator. Again, this inhibits all outputs,
but the soft-start voltage continues increasing to 4V before
discharging. The counter increments to 2. The soft-start
cycle repeats at T3 and trips the over-current comparator.
The SS pin voltage increases to 4V at T4 and the counter
increments to 3. This sets the fault latch to disable the
converter. The fault is reported on the FAULT/RT pin.
The linear controllers operate in the same way as the PWM
in response to over-current faults. The differentiating factor
for the linear controllers is that they monitor the VSEN pins
for under-voltage events. Should excessive currents cause
the voltage at the VSEN pins to fall below the linear under-
voltage threshold, the LUV signal sets the over-current
latch if CSS is fully charged. Blanking the LUV signal during
the CSS charge interval allows the linear outputs to build
above the under-voltage threshold during normal operation.
Cycling the bias input power off then on resets the counter
and the fault latch.
FIGURE 3. SOFT-START INTERVAL
0V
0V
0V
TIME
PGOOD
SOFT-START
(1V/DIV)
OUTPUT
(0.5V/DIV)
VOLTAGES
VOUT1 (DAC = 2.5V)
VOUT2 ( = 3.3V)
VOUT4 ( = 1.8V)
VOUT3 ( = 1.5V)
T1
T2
T3
T0
T4
FAULT
LATCH
S
R
Q
POR
COUNTER
OC1
OV
LUV
+
-
+
-
0.15V
4V
SS
VCC
FAULT
R
FIGURE 4. FAULT LOGIC - SIMPLIFIED SCHEMATIC
UP
OVER-
CURRENT
LATCH
INHIBIT
S
R
Q
HIP6021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com