Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6021 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP6021 Datasheet HTML 1Page - Intersil Corporation HIP6021 Datasheet HTML 2Page - Intersil Corporation HIP6021 Datasheet HTML 3Page - Intersil Corporation HIP6021 Datasheet HTML 4Page - Intersil Corporation HIP6021 Datasheet HTML 5Page - Intersil Corporation HIP6021 Datasheet HTML 6Page - Intersil Corporation HIP6021 Datasheet HTML 7Page - Intersil Corporation HIP6021 Datasheet HTML 8Page - Intersil Corporation HIP6021 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2-298
Simplified Power System Diagram
Typical Application
PWM
+5VIN
VOUT1
Q1
Q2
Q3
VOUT2
Q4
VOUT3
VOUT4
LINEAR
LINEAR
LINEAR
HIP6021
CONTROLLER
CONTROLLER
CONTROLLER
CONTROLLER
+3.3VIN
Q5
VID1
VID2
VID3
VID4
SS
GND
VCC
+5VIN
VID0
+12VIN
VOUT1
PGND
VSEN1
PGOOD
LGATE
UGATE
OCSET
PHASE
Q1
Q2
POWERGOOD
FB
COMP
1.3V TO 3.5V
SELECT
DRIVE2
Q3
VSEN2
DRIVE3
VSEN3
VSEN4
COUT4
1.5V
1.8V
COUT3
COUT2
CIN
COUT1
Q4
LOUT1
HIP6021
VOUT2
VOUT3
VOUT4
1.5V OR 3.3V
FAULT / RT
CSS
Q5
+3.3VIN
TYPEDET
LIN
DRIVE4
VAUX
FIX
HIP6021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com