Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 15 Page - Intersil Corporation

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6021 Datasheet(HTML) 15 Page - Intersil Corporation

Back Button HIP6021 Datasheet HTML 7Page - Intersil Corporation HIP6021 Datasheet HTML 8Page - Intersil Corporation HIP6021 Datasheet HTML 9Page - Intersil Corporation HIP6021 Datasheet HTML 10Page - Intersil Corporation HIP6021 Datasheet HTML 11Page - Intersil Corporation HIP6021 Datasheet HTML 12Page - Intersil Corporation HIP6021 Datasheet HTML 13Page - Intersil Corporation HIP6021 Datasheet HTML 14Page - Intersil Corporation HIP6021 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
2-310
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
HIP6021 DC-DC Converter Application Circuit
Figure 12 shows an application circuit of a power supply for a
microprocessor computer system. The power supply provides
the microprocessor core voltage (VOUT1), the AGP bus
voltage (VOUT2), the GTL bus voltage (VOUT3), and the
memory voltage (VOUT4) from +3.3V, +5VDC, and +12VDC.
For detailed information on the circuit, including a Bill-of-
Materials and circuit board description, see Application Note
AN9836. Also see Intersil’s web page (http://www.intersil.com)
or Intersil AnswerFAX (407-724-7800) Document No. 99836 for
the latest information.
VID1
VID2
VID3
VID4
SS
GND
VCC
+5VIN
VID0
+12VIN
PGND
VSEN1
PGOOD
LGATE
UGATE
OCSET
PHASE
Q1,2
POWERGOOD
FB
COMP
VOUT2
VSEN2
DRIVE2
Q3
DRIVE3
VSEN3
DRIVE4
C25,26
VOUT3
VOUT4
C23,24
C12-19
HIP6021
Q4
L2
+
+
+
+
+
C7
L1
C1-6
C9
C8
R1
VOUT1
R2
R3
C20
C21
C22
C27
2x1000
µF
2x1000
µF
C10,11
2x1000
µF
1
µH
6x1000
µF
1
µF
1
µF
1000pF
8x1000
µF
0.1
µF
4.2
µH
0.22
µF
10pF
2.7nF
10.2K
1.62k
GND
(3.3V or 1.5V)
(1.5V)
(1.8V)
VSEN4
TYPEDET
SELECT
+3.3VIN
R5
499K
R4
150K
SD
FIX
1.0K
Q5
U1
1
2
3
4
5
6
7
8
9
10
11
12
13
16
15
14
17
18
19
20
21
22
23
24
25
26
27
28
FAULT/RT
VAUX
HUF76107D3S
HUF76107D3S
HUF76121D3S
2xHUF76143S3S
(1.3V-3.5V)
FIGURE 12. POWER SUPPLY APPLICATION CIRCUIT FOR A MICROPROCESSOR COMPUTER SYSTEM
HIP6021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com