Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6021 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP6021 Datasheet HTML 6Page - Intersil Corporation HIP6021 Datasheet HTML 7Page - Intersil Corporation HIP6021 Datasheet HTML 8Page - Intersil Corporation HIP6021 Datasheet HTML 9Page - Intersil Corporation HIP6021 Datasheet HTML 10Page - Intersil Corporation HIP6021 Datasheet HTML 11Page - Intersil Corporation HIP6021 Datasheet HTML 12Page - Intersil Corporation HIP6021 Datasheet HTML 13Page - Intersil Corporation HIP6021 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2-305
OUT2 Voltage Selection
The AGP regulator output voltage is internally set to one of
two discrete levels, based on the status of the SELECT pin.
SELECT pin is internally pulled ‘high’, such that left open,
the AGP output voltage is by default set to 3.3V. The other
discrete setting available is 1.5V, which can be obtained by
grounding the SELECT pin using a jumper or another
suitable method capable of sinking a few tens of
microamperes. The status of the SELECT pin cannot be
changed during operation of the IC without immediately
causing a fault condition.
OUT3 and OUT4 Voltage Adjustability
The GTL bus voltage (1.5V, OUT3) and the chip set and/or
cache memory voltage (1.8V, OUT4) are internally set for
simple, low-cost implementation in typical Intel motherboard
architectures. However, if different voltage settings are
desired for these two outputs, the FIX pin provides the
necessary adaptability. Left open (NC), this pin sets the fixed
output voltages described above. Grounding this pin allows
both output voltages to be set by means of external resistor
dividers as shown in Figure 7.
Application Guidelines
Soft-Start Interval
Initially, the soft-start function clamps the error amplifier’s
output of the PWM converter. This generates PHASE pulses
of increasing width that charge the output capacitor(s). After
the output voltage increases to approximately 70% of the set
value, the reference input of the error amplifier is clamped to
a voltage proportional to the SS pin voltage. The resulting
output voltages start-up as shown in Figure 3.
The soft-start function controls the output voltage rate of rise
to limit the current surge at start-up. The soft-start interval and
the surge current are programmed by the soft-start capacitor,
CSS. Programming a faster soft-start interval increases the
peak surge current. The peak surge current occurs during the
initial output voltage rise to 70% of the set value.
Shutdown
The HIP6021 features a dedicated shutdown pin (SD). A
TTL-compatible, logic high signal applied to this pin shuts
down (disables) all four outputs and discharges the soft-start
capacitor. Following a shutdown, a logic low signal
re-enables the outputs through initiation of a new soft-start
cycle. Left open this pin will asses a logic low state, due to its
internal pull-down resistor, thus enabling normal operation of
all outputs.
The PWM output does not switch until the soft-start voltage
(VSS) exceeds the oscillator’s valley voltage. The references
on each linear’s error amplifier are clamped to the soft-start
voltage. Holding the SS pin low (with an open drain or
collector signal) turns off all four regulators.
The ‘11111’ VID code also shuts down the IC.
11110
2.1
11101
2.2
11100
2.3
11011
2.4
11010
2.5
11001
2.6
11000
2.7
10111
2.8
10110
2.9
10101
3.0
10100
3.1
10011
3.2
10010
3.3
10001
3.4
10000
3.5
NOTE: 0 = connected to GND, 1 = open or connected to 5V through
pull-up resistors
TABLE 1. OUT1 VOLTAGE PROGRAM (Continued)
PIN NAME
NOMINAL
DACOUT
VOLTAGE
VID4
VID3
VID2
VID1
VID0
DRIVE3
VSEN3
VSEN4
COUT4
COUT3
Q4
HIP6021
VOUT3
VOUT4
Q5
+3.3VIN
DRIVE4
VAUX
FIX
RS3
RP3
RS4
RP4
V
OUT
V
BG
1
R
S
R
P
--------
+



×
=
FIGURE 7. ADJUSTING THE OUTPUT VOLTAGE OF
OUTPUTS 3 AND 4
HIP6021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com