Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6021 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6021 Datasheet HTML 1Page - Intersil Corporation HIP6021 Datasheet HTML 2Page - Intersil Corporation HIP6021 Datasheet HTML 3Page - Intersil Corporation HIP6021 Datasheet HTML 4Page - Intersil Corporation HIP6021 Datasheet HTML 5Page - Intersil Corporation HIP6021 Datasheet HTML 6Page - Intersil Corporation HIP6021 Datasheet HTML 7Page - Intersil Corporation HIP6021 Datasheet HTML 8Page - Intersil Corporation HIP6021 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2-296
HIP6021
Advanced PWM and Triple Linear Power
Controller
The HIP6021 provides the power control and protection for
four output voltages in high-performance, graphics intensive
microprocessor and computer applications. The IC
integrates a voltage-mode PWM controller and three linear
controllers, as well as the monitoring and protection
functions into a 28-pin SOIC package. The PWM controller
regulates the microprocessor core voltage with a
synchronous-rectified buck converter. The linear controllers
regulate the computer system’s AGP 1.5V or 3.3V bus
power, the 1.5V GTL bus power, and the 1.8V power for the
North/South Bridge core voltage and/or cache memory
circuits. The HIP6021 includes an Intel-compatible, TTL
5-input digital-to-analog converter (DAC) that adjusts the
core PWM output voltage from 1.3VDC to 2.05VDC in 0.05V
steps and from 2.1VDC to 3.5VDC in 0.1V increments. The
precision reference and voltage-mode control provide
±1%
static regulation. The AGP bus power linear controller’s
output (VOUT2) is user-selectable, through a TTL-compatible
signal applied at the SELECT pin, for levels of 1.5V or 3.3V
with
±3% accuracy. Based on the status of the FIX pin, the
other two linear regulators provide either fixed output
voltages of 1.5V
±3% (VOUT3) and 1.8V±3% (VOUT4), or
user-adjustable by means of an external resistor divider. All
linear controllers can employ either N-channel MOSFETs or
bipolar NPNs for the pass transistor.
The HIP6021 monitors all the output voltages. A single
Power Good signal is issued when the core is within
±10% of
the DAC setting and all other outputs are above their under-
voltage levels. Additional built-in over-voltage protection for
the core output uses the lower MOSFET to prevent output
voltages above 115% of the DAC setting. The PWM
controller’s over-current function monitors the output current
by using the voltage drop across the upper MOSFET’s
rDS(ON).
Applications
• Motherboard Power Regulation for Computers
Features
• Provides 4 Regulated Voltages
- Microprocessor Core, AGP Bus, Memory, and GTL Bus
Power
• Drives N-Channel MOSFETs
• Linear Regulator Drives Compatible with both MOSFET
and Bipolar Series Pass Transistors
• Fixed or Externally Resistor-Adjustable Linear Outputs
(FIX Pin)
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast PWM Converter Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
- Core PWM Output:
±1% Over Temperature
- Other Outputs:
±3% Over Temperature
• TTL-Compatible 5-Bit DAC Microprocessor Core Output
Voltage Selection
- Wide Range . . . . . . . . . . . . . . . . . . . 1.3VDC to 3.5VDC
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
- Switching Regulator Does Not Require Extra Current
Sensing Element, Uses MOSFET’s rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator; Programmable From
50kHz to Over 1MHz
- Small External Component Count
Pinout
HIP6021 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP6021CB
0 to 70
28 Ld SOIC
M28.3
HIP6021EVAL1
Evaluation Board
DRIVE2
FIX
VID4
VID3
VSEN2
SELECT
SS
FAULT/RT
VSEN4
VCC
PGND
LGATE
PHASE
DRIVE3
COMP
GND
VAUX
DRIVE4
UGATE
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PGOOD
VID2
SD
VSEN1
VSEN3
VID1
VID0
OCSET
FB
Data Sheet
February 1999
File Number
4684
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP6021

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
HIP6021A INTERSIL-HIP6021A Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
HIP6021ACB INTERSIL-HIP6021ACB Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
HIP6021ACB INTERSIL-HIP6021ACB Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
More results

Similar Description - HIP6021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
Advanced PWM and Linear Power Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
Advanced PWM and Triple Linear Power Controller for Gateway Applications
October 2001
logo
Anpec Electronics Corop...
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
Advanced PWM and Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
Advanced PWM and Triple Linear Power Controller
March 8, 2005
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com