Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6521 Datasheet (PDF) - Renesas Technology Corp

HIP6521 Datasheet PDF - Renesas Technology Corp
Part # HIP6521
Download  HIP6521 Download
File Size   643.88 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PWM and Triple Linear Power Controller

HIP6521 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6521 Datasheet PDF - Renesas Technology Corp

Part # HIP6521
Download  HIP6521 Click to download

File Size   643.88 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PWM and Triple Linear Power Controller

HIP6521 Datasheet (HTML) - Renesas Technology Corp


HIP6521 Product details

The HIP6521 provides the power control and protection for four output voltages in high-performance microprocessor and computer applications. The IC integrates a voltage-mode PWM controller and three linear controllers, as well as monitoring and protection functions into a 16 Ld SOIC package. The PWM controller is intended to regulate the microprocessor memory core voltage with a synchronous-rectified buck converter. The linear controllers are intended to regulate the computer system’s AGP 1.5V bus power, the 2.5V clock power, and the 1.8V power for the North/South Bridge core voltage and/or cache memory circuits. Both the switching regulator and linear voltage references provide 2% of static regulation over line, load, and temperature ranges. All outputs are user-adjustable by means of an external resistor divider. All linear controllers employ bipolar NPNs for the pass transistors.

Features
• Provides 4 Regulated Voltages
    - Memory Core, AGP, Clock, and Memory Controller Hub Power
• ACPI Compatible
• Drives Bipolar Linear Pass Transistors
• Externally Resistor-Adjustable Outputs
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast PWM Converter Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
    - All Outputs: 2% Over Temperature
• Overcurrent Fault Monitors
    - Switching Regulator Does Not Require Extra Current Sensing Element, Uses MOSFET’s rDS(ON)
• Small Converter Size
    - 300kHz Constant Frequency Operation
    - Small External Component Count
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Motherboard Power Regulation for Computers




Similar Part No. - HIP6521

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
HIP6521 INTERSIL-HIP6521 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
HIP6521CB INTERSIL-HIP6521CB Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
HIP6521CB INTERSIL-HIP6521CB Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
HIP6521CBZ INTERSIL-HIP6521CBZ Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
More results


Similar Description - HIP6521

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
Advanced PWM and Triple Linear Power Controller
February 1999
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
ISL6524A INTERSIL-ISL6524A Datasheet
453Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
April 8, 2005
logo
List of Unclassifed Man...
RT9231 ETC-RT9231 Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
Advanced PWM and Triple Linear Power Controller
March 8, 2005
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
VRM8.5 PWM and Triple Linear Power System Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com