Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6521 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6521
Description  PWM and Triple Linear Power Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6521 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6521 Datasheet HTML 1Page - Renesas Technology Corp HIP6521 Datasheet HTML 2Page - Renesas Technology Corp HIP6521 Datasheet HTML 3Page - Renesas Technology Corp HIP6521 Datasheet HTML 4Page - Renesas Technology Corp HIP6521 Datasheet HTML 5Page - Renesas Technology Corp HIP6521 Datasheet HTML 6Page - Renesas Technology Corp HIP6521 Datasheet HTML 7Page - Renesas Technology Corp HIP6521 Datasheet HTML 8Page - Renesas Technology Corp HIP6521 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN4837 Rev.5.00
Page 1 of 13
Oct 16, 2006
FN4837
Rev.5.00
Oct 16, 2006
HIP6521
PWM and Triple Linear Power Controller
DATASHEET
The HIP6521 provides the power control and protection for
four output voltages in high-performance microprocessor and
computer applications. The IC integrates a voltage-mode
PWM controller and three linear controllers, as well as
monitoring and protection functions into a 16 Ld SOIC
package. The PWM controller is intended to regulate the
microprocessor memory core voltage with a
synchronous-rectified buck converter. The linear controllers
are intended to regulate the computer system’s AGP 1.5V bus
power, the 2.5V clock power, and the 1.8V power for the
North/South Bridge core voltage and/or cache memory
circuits. Both the switching regulator and linear voltage
references provide
2% of static regulation over line, load,
and temperature ranges. All outputs are user-adjustable by
means of an external resistor divider. All linear controllers
employ bipolar NPNs for the pass transistors.
The HIP6521 monitors all the output voltages. The PWM
controller’s adjustable overcurrent function monitors the
output current by using the voltage drop across the upper
MOSFET’s rDS(ON). The linear regulator outputs are
monitored via the FB pins for undervoltage events.
Features
• Provides 4 Regulated Voltages
- Memory Core, AGP, Clock, and Memory Controller Hub
Power
• ACPI Compatible
• Drives Bipolar Linear Pass Transistors
• Externally Resistor-Adjustable Outputs
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast PWM Converter Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
- All Outputs:
2% Over Temperature
• Overcurrent Fault Monitors
- Switching Regulator Does Not Require Extra Current
Sensing Element, Uses MOSFET’s rDS(ON)
• Small Converter Size
- 300kHz Constant Frequency Operation
- Small External Component Count
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Motherboard Power Regulation for Computers
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Pinout
HIP6521 (SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C) PACKAGE
PKG.
DWG. #
HIP6521CB
HIP6521CB
0 to 70
16 Ld SOIC M16.15
HIP6521CBZ
(Note)
6521CBZ
0 to 70
16 Ld SOIC
(Pb-free)
M16.15
HIP6521EVAL1 Evaluation Board
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-02.
Add “-T” suffix for tape and reel.
DRIVE2
FB2
FB
COMP
FB3
OCSET
DRIVE4
FB4
DRIVE3
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
UGATE
GND
LGATE
PHASE
BOOT
VCC
PGND
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - HIP6521

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
HIP6521 INTERSIL-HIP6521 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
HIP6521CB INTERSIL-HIP6521CB Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
HIP6521CB INTERSIL-HIP6521CB Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
HIP6521CBZ INTERSIL-HIP6521CBZ Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
More results

Similar Description - HIP6521

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
Advanced PWM and Triple Linear Power Controller
February 1999
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
ISL6524A INTERSIL-ISL6524A Datasheet
453Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
April 8, 2005
logo
List of Unclassifed Man...
RT9231 ETC-RT9231 Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
Advanced PWM and Triple Linear Power Controller
March 8, 2005
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
VRM8.5 PWM and Triple Linear Power System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com