Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9231 Datasheet (PDF) - List of Unclassifed Manufacturers

RT9231 Datasheet PDF - List of Unclassifed Manufacturers
Part # RT9231
Download  RT9231 Download
File Size   304.7 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Advaned PWM and Triple Linear Power Controller

RT9231 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9231 Datasheet PDF - List of Unclassifed Manufacturers

Part # RT9231
Download  RT9231 Click to download

File Size   304.7 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Advaned PWM and Triple Linear Power Controller

RT9231 Datasheet (HTML) - List of Unclassifed Manufacturers


RT9231 Product details

[Richtek]

General Description
The RT9231 is a 4-in-one power controller optimized for high-performance microprocessor and computer applications. The IC integrates a PWM controller, triple linear controller as well as monitoring and protection functions into a 28-pin SOP package. The PWM controller regulates the microprocessor core voltage with a synchronous buck converter. The first linear controller supplies the computer system’s AGP 1.5V or 3.3V bus power. The second linear controller provides power for the 1.5V GTL bus and the 3rd linear controller provides 1.8V power for the North/South Bridge core voltage and/or cache memory circuits.

Features
• 4-in-one Regulated Voltages for Microprocessor Core, AGP Bus, North/South Bridge and/or Cache Memory, GTL Bus Power
• Compatible with HIP6021A
• Power-good Output Voltage Monitor

Switching section
• 5-bit DAC Programmable from 1.3V to 3.5V
• ±1% DAC Accuracy
• Fast Transient Response
• Full 0% to 100% Duty Cycle Driver
• Fixed 200kHz Switching Frequency
• Adaptive Non-overlapping Gate Driver
• Over-current Monitor Uses MOSFET RDS(ON)
• Over-voltage Protection Uses Lower MOSFET

Linear Section
• Fixed or User-adjustable Linear Regulator Output Voltage
• MOSFET and NPN Driving Capability
• Ultra Fast Response Speed
• Under-voltage Protection
• Internal Thermal Shutdown

Applications
• Full Motherboard Power Regulation for Computer
• Low-voltage Distributed Power Supplies




Similar Part No. - RT9231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
RT9230CS ETC-RT9230CS Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232 Datasheet
217Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
RT9232 RICHTEK-RT9232 Datasheet
387Kb / 14P
Programmable Frequency Synchronous Buck PWM Controller
RT9232-CS RICHTEK-RT9232-CS Datasheet
217Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT
More results


Similar Description - RT9231

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
Advanced PWM and Triple Linear Power Controller
February 1999
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
ISL6524A INTERSIL-ISL6524A Datasheet
453Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
April 8, 2005
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
Advanced PWM and Triple Linear Power Controller
March 8, 2005
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
PWM and Triple Linear Power Controller
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
VRM8.5 PWM and Triple Linear Power System Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com